Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

27L2AI Datasheet(PDF) 1 Page - Texas Instruments

Part # 27L2AI
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27L2AI Datasheet(HTML) 1 Page - Texas Instruments

  27L2AI Datasheet HTML 1Page - Texas Instruments 27L2AI Datasheet HTML 2Page - Texas Instruments 27L2AI Datasheet HTML 3Page - Texas Instruments 27L2AI Datasheet HTML 4Page - Texas Instruments 27L2AI Datasheet HTML 5Page - Texas Instruments 27L2AI Datasheet HTML 6Page - Texas Instruments 27L2AI Datasheet HTML 7Page - Texas Instruments 27L2AI Datasheet HTML 8Page - Texas Instruments 27L2AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS
™ PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052B – OCTOBER 1987 – REVISED AUGUST 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Trimmed Offset Voltage:
TLC27L7 . . . 500
µV Max at 25°C,
VDD = 5 V
D Input Offset Voltage Drift . . . Typically
0.1
µV/Month, including the First 30 Days
D Wide Range of Supply Voltages Over
Specified Temperature Range:
0
°C to 70°C...3 V to 16 V
–40
°C to 85°C...4 V to 16 V
–55
°C to 125°C...4 V to 16 V
D Single-Supply Operation
D Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix,
I-Suffix Types)
D Ultra-Low Power...Typically 95 µW
at 25
°C, VDD = 5 V
D Output Voltage Range includes Negative
Rail
D High Input Impedance...1012 Ω Typ
D ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
D Designed-In Latch-Up immunity
description
The TLC27L2 and TLC27L7 dual operational
amplifiers combine a wide range of input offset
voltage grades with low offset voltage drift, high
input impedance, extremely low power, and high
gain.
AVAILABLE OPTIONS
PACKAGE
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
0
°C
500
µV TLC27L7CD
TLC27L7CP
0
°C
to
500
µV
2 mV
TLC27L7CD
TLC27L2BCD
TLC27L7CP
TLC27L2BCP
to
70
°C
5 mV
TLC27L2ACD
—
—
TLC27L2ACP
70 C
10 mV
TLC27L2CD
TLC27L2CP
40
°C
500
µV TLC27L7ID
TLC27L7IP
–40
°C
to
500
µV
2 mV
TLC27L7ID
TLC27L2BID
TLC27L7IP
TLC27L2BIP
to
85
°C
5 mV
TLC27L2AID
—
—
TLC27L2AIP
85 C
10 mV
TLC27L2ID
TLC27L2IP
–55
°C
to
500
µV TLC27L7MD
TLC27L7MFK
TLC27L7MJG
TLC27L7MP
to
125
°C
µ
10 mV
TLC27L2MD
TLC27L2MFK
TLC27L2MJG
TLC27L2MP
The D package is available taped and reeled. Add R suffix to the device type
(e.g., TLC27L7CDR).
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments Incorporated.
– 800
VIO – Input Offset Voltage – µV
30
800
0
– 400
0
400
5
10
15
20
25
DISTRIBUTION OF TLC27L7
INPUT OFFSET VOLTAGE
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VDD
2OUT
2IN –
2IN +
D, JG, OR P PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN –
NC
NC
1IN –
NC
1IN +
NC
FK PACKAGE
(TOP VIEW)
NC – No internal connection
335 Units Tested From 2 Wafer Lots
VDD = 5 V
TA = 25°C
P Package


Similar Part No. - 27L2AI

ManufacturerPart #DatasheetDescription
logo
Macronix International
27L2000-12 MCNIX-27L2000-12 Datasheet
1Mb / 18P
2M-BIT [256Kx8] CMOS EPROM
27L2000-12 MCNIX-27L2000-12 Datasheet
101Kb / 14P
2M-BIT [256Kx8] CMOS EPROM
27L2000-15 MCNIX-27L2000-15 Datasheet
1Mb / 18P
2M-BIT [256Kx8] CMOS EPROM
27L2000-15 MCNIX-27L2000-15 Datasheet
101Kb / 14P
2M-BIT [256Kx8] CMOS EPROM
27L2000-20 MCNIX-27L2000-20 Datasheet
1Mb / 18P
2M-BIT [256Kx8] CMOS EPROM
More results

Similar Description - 27L2AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1078 TI-TLC1078 Datasheet
530Kb / 33P
LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC252 TI-TLC252 Datasheet
330Kb / 21P
LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2 Datasheet
509Kb / 34P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L2 TI1-TLC27L2_16 Datasheet
1Mb / 50P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810Z TI1-TLC2810Z Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com