Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MQME-270-R-X-HB Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # MQME-270-R-X-HB
Description  High Reliability EMI Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R-X-HB Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button MQME-270-R-X-HB Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-270-R-X-HB Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-270-R-X-HB Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-270-R-X-HB Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R-X-HB Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R-X-HB Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R-X-HB Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R-X-HB Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-R-X-HB Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product # MQME-270-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME027P Rev. 2
03/16/09
Page 6
MQME-270-P
Current: 2A
Technical Specification
BASICOPERATIONANDFEATURES
TheMQME-270-Pisamulti-stagedifferential-modeandcommon-
mode passive EMI filter designed to interface a power source with
one or more SynQor DC/DC converters (or other loads that create
EMI).Eachstageofthisfilteriswelldampedtoavoidresonances
andoscillations,andonlyX7Rmulti-layerceramiccapacitorsare
used.Figure 1 shows the typical differential and common-mode
attenuation provided by this filter when the source impedance is
50Ω to chassis ground on each input line.
TheMQME-270-PEMIfilterincludesalargebulkcapacitor(also
X7R)withaseriesdampingresistortocorrectfortheunstabilizing
effect of a converter’s negative input resistance. A white paper
discussing this negative input resistance and the need for corrective
damping can be found on the SynQor website (see Input System
Instabilityapplicationnote).Figure2showsthemagnitudeofthe
filter’s output impedance when the filter input is connected to a stiff
voltage source.
The input voltage surge and spike compliance matrix shown on
Page 8 displays the worst case requirements listed in various
270VMilitary(VehicleandAircraft)andCivilAircraftstandards.
TheMQME-270-PEMIfilterisdesignedtohandlealloftheshort
durationvoltagespikerequirementsofthesestandards(withcertain
assumptionsregardingDEF-STAN61-5).Someofthelongduration
voltage surge requirements remain within the 50V maximum
transient rating of a SynQor MQFL-270 DC/DC converter. The
othersrequirethetransientsuppressioncircuitryofanMQME-270-T
EMI filter to protect the converter from an over-voltage condition. If
MQFL-270E or MQFL-270VE converters are used, voltage surges
ashighas80Vcanbetoleratedwithouttheneedforthistransient
suppression circuitry.
When used with SynQor’s DC/DC converters, the MQME-270-P
EMIfilterisdesignedtopassalloftherelevantMIL-STD-461C/D/E
requirements to their most stringent limits.The MIL-STD-461
ComplianceMatrixTableonPage7liststheserequirementsand
describesthesetupusedtopassthem.Figures3-6showresults
from selected conductive and radiated emissions tests.
The filter is also designed to pass the waveform types and
applications specified in RTCA/DO-160E Section 22 (Lightning
Induced Transient Susceptibility) to Level 4 (some waveforms/
applications require the MQME-270-T filter and/or external
transientsuppressioncircuitry).TheSection22ComplianceMatrix
Table on Page 9 lists these waveforms and applications and
describes the setup used to pass them.
A typical application would place the MQME filter close to the
input of the DC/DC converter, with the cases of the filter and the
converterconnectedtogetherthroughagroundplane.Bothcases
are electrically conductive, so connection to the cases can be made
with the fasteners used to secure the device.
Do not connect the outputs of multiple MQME-270-P filters in
parallel. Connecting filters in this manner may result in slightly
unequalcurrentstoflowinthepositiveandreturnpathsofeach
filter. These unequal currents may cause the internal common-
mode chokes to saturate and thus cause degraded common-mode
rejection performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com