Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MQME-270-R-Y-HB Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # MQME-270-R-Y-HB
Description  High Reliability EMI Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R-Y-HB Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button MQME-270-R-Y-HB Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R-Y-HB Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R-Y-HB Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R-Y-HB Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R-Y-HB Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-R-Y-HB Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270-R-Y-HB Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-270-R-Y-HB Datasheet HTML 12Page - SynQor Worldwide Headquarters MQME-270-R-Y-HB Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product # MQME-270-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME027P Rev. 2
03/16/09
Page 9
MQME-270-P
Current: 2A
Technical Specification
RTCA/DO-160ESECTION22COMPLIANCEMATRIX
(LIGHTNINGINDUCEDTRANSIENTSUSCEPTIBILITY)
ThefollowingtableshowstheRTCA/DO-160Section22requirementsthathavebeenmet*byastand-alonesetupcomprisedof:
-MilQor-270-P(or–T)Filter
-MQFL-28-05SDC/DCConverter
-ResistiveLoad
-MetalChassisPlane
-UnshieldedPowerCableBundle
*Requirementisdeemedtohavebeenmetaslongastransientdeviationsintheconverter’soutputvoltageremainwithin±10%ofits
initial value.
†ForthesewaveformsatLevel3andabove,anexternaltransientsuppressorofsufficientenergyratingmustplacedacrossthefilter’s
inputpinstokeepthedifferentialtransientinputvoltagebelow+200V/-50V.Negativepolaritywaveformsmaycausepowerflowtothe
converter to be interrupted long enough to cause a graceful shutdown and restart of the converter. Also, the reverse voltage protection
featureofthe-Tfilterisrequiredtoprotecttheconverter(butnotthefilter)fromnegativepolaritywaveform.
**ForthiswaveformataLevel4andabove,externaltransientsuppressorsofsufficientenergyratingmustbeaddedbetweenthe
filter’s input power pins and its case to keep the common-mode transient input voltage below +800V.
MIL-STD-461COMPLIANCEMATRIX
ThistableshowstheMIL-STD-461requirements/limitsthathavebeenmet*byastand-alonesetupcomprisedof:
-MilQor-270-PFilter
-MQFL-28-05SDC/DCConverter
-120WResistiveLoad
-MetalChassisPlane
*Susceptibilityrequirements/limitsaredeemedtohavebeenmetaslongastransientdeviationsintheconverter’soutputvoltage
remainwithin±10%ofitsinitialvalue.
† Met with metal screen shield covering the filter, converter, and resistive load.
VOLTAGESURGEANDSPIKECOMPLIANCEMATRIX
ThesetablesshowtheVoltageSurgeandSpikerequirements/limitsthathavebeenmet*byastand-alonesetupcomprisedof:
-MilQor-270-P(or–T)Filter
-MQFL-28-05SDC/DCConverter
-120WResistiveLoad
-MetalChassisPlane
*Surge/spikerequirements/limitsaredeemedtohavebeenmetaslongastransientdeviationsintheconverter’soutputvoltage
remainwithin±10%ofitsinitialvalue.
†FortheDEFSTAN61-5specification:
1)Negativesurgesrequirereversevoltageprotectioncircuitrytoprotecttheconverter(butnotthefilter)fromanegativeinput.
ThiscircuitryisincludedintheMilQor-28-TandMilQor-28-HTfiltersbutnottheMilQor-270-Pfilter.
2)Thenegativesurgesmaycausetheconvertertoshutdownunlessadditionalholdupcapacitanceisincluded.
3)Maximumspikevoltagesareassumedtolast<1µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com