Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MQME-270-R-W-HB Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # MQME-270-R-W-HB
Description  High Reliability EMI Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R-W-HB Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  MQME-270-R-W-HB Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-270-R-W-HB Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-270-R-W-HB Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-270-R-W-HB Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-270-R-W-HB Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R-W-HB Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R-W-HB Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R-W-HB Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R-W-HB Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Product # MQME-270-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME027P Rev. 2
03/16/09
Page 5
MQME-270-P
Current: 2A
Technical Specification
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
0.01
0.1
1
10
100
1000
10000
100000
Frequency (kHz)
Common Mode
Differential Mode
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
Frequency (kHz)
Figure 2: Typical Output Impedance (magnitude) of the filter looking
back into its output pins with the input pins connected to a source with
zero source impedance.
Figure 1: Typical Common Mode and Differential Mode Attenuation
provided by the filter as a function of frequency. Both input lines are
connected to chassis ground through 50ohm resistors. The filter case is
also connected to chassis ground.
Figure 3: MIL-STD-461E Method CE101 Low Frequency Conducted
Emissions. Limit line (in red) is the ‘Submarine Applications DC Curve’.
Figure 4: MIL-STD-461E Method CE102 High Frequency Conducted
Emissions. Limit line (in red) is the ‘Basic Curve’.
Figure 5: MIL-STD-461E Method RE101 Low Frequency Radiated
Emissions. Limit line (in red) is the ‘Standard Curve’ from MIL-STD-
461C Method RE01, which is more strict than all RE101 limits.
Figure 6: MIL-STD-461E Method RE102 High Frequency Radiated
Emissions. Limit line (in red) is the ‘Submarine External to Pressure
Hull Curve’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com