Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S12SCIV2D Datasheet(PDF) 10 Page - Motorola, Inc

Part # S12SCIV2D
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12SCIV2D Datasheet(HTML) 10 Page - Motorola, Inc

Back Button S12SCIV2D Datasheet HTML 6Page - Motorola, Inc S12SCIV2D Datasheet HTML 7Page - Motorola, Inc S12SCIV2D Datasheet HTML 8Page - Motorola, Inc S12SCIV2D Datasheet HTML 9Page - Motorola, Inc S12SCIV2D Datasheet HTML 10Page - Motorola, Inc S12SCIV2D Datasheet HTML 11Page - Motorola, Inc S12SCIV2D Datasheet HTML 12Page - Motorola, Inc S12SCIV2D Datasheet HTML 13Page - Motorola, Inc S12SCIV2D Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
10
6.1.1
Device-specific information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .85
6.2
HCS12 Module Mapping Control (MMC) Block Description . . . . . . . . . . . . . . . . . . . . . .85
6.2.1
Device-specific information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .85
6.3
HCS12 Multiplexed External Bus Interface (MEBI) Block Description . . . . . . . . . . . . . .85
6.3.1
Device-specific information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .85
6.4
HCS12 Interrupt (INT) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86
6.5
HCS12 Background Debug Module (BDM) Block Description . . . . . . . . . . . . . . . . . . . .86
6.5.1
Device-specific information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86
6.6
HCS12 Breakpoint (BKP) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86
Section 7 Clock and Reset Generator (CRG) Block Description . . . . . . . . . 86
7.1
Device-specific information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86
Section 8 Oscillator (OSC) Block Description . . . . . . . . . . . . . . . . . . . . . . . . 86
8.1
Device-specific information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86
Section 9 Enhanced Capture Timer (ECT) Block Description . . . . . . . . . . . . 86
Section 10 Analog to Digital Converter (ATD) Block Description. . . . . . . . . 87
Section 11 Inter-IC Bus (IIC) Block Description . . . . . . . . . . . . . . . . . . . . . . . 87
Section 12 Serial Communications Interface (SCI) Block Description. . . . . 87
Section 13 Serial Peripheral Interface (SPI) Block Description . . . . . . . . . . 87
Section 14 J1850 (BDLC) Block Description. . . . . . . . . . . . . . . . . . . . . . . . . . 87
Section 15 Byteflight (BF) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . 87
15.1
Device-specific information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .88
Section 16 Pulse Width Modulator (PWM) Block Description . . . . . . . . . . . . 88
Section 17 Flash EEPROM 128K Block Description . . . . . . . . . . . . . . . . . . . 88
Section 18 EEPROM 2K Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
Section 19 RAM Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com