Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4LPW7R010G Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # 4LPW7R010G
Description  Four-Terminal Current-Sensing Wirewound Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

4LPW7R010G Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  4LPW7R010G Datasheet HTML 1Page - IRC - a TT electronics Company. 4LPW7R010G Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Type
4LPW
Power
3 = 3W, 5 = 5W, 7 = 7W, 10 = 10W, 15 = 15W
Resistance Range
Expressed in ohms
(Standard EIA/MIL values)
Tolerance
F = ±1%, G = ±2%, H = ±3%, J = ±5%, K = ±10%
Ordering Data
4LPW
15
R010
F
Four-Terminal Current-Sensing
Wirewound Resistor
Temperature Rise Chart
Power Derating Curve
250
200
150
100
50
0
0
20
40
60
80
100
120
Percent Rated Load
4LPW-3
4LPW-5
4LPW-7
4LPW-15
4LPW-10
100
80
60
40
20
0
0
50
100
150
200
250
Ambient Temperature (°C)
4LPW-3, 5, 7, 10
4LPW-15
Max. Recommended
Ambient Operating
Temperature 150°C
4LPW Series Issue October 2008 Sheet 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com