Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS-221R0JLF Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # AS-221R0JLF
Description  Semi-Precision Power Wirewound Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

AS-221R0JLF Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  AS-221R0JLF Datasheet HTML 1Page - IRC - a TT electronics Company. AS-221R0JLF Datasheet HTML 2Page - IRC - a TT electronics Company. AS-221R0JLF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Semi-Precision Power
Wirewound Resistor
Sample Part No.
IRC Type
AS
Power
3 = 3 watts
(See specification chart for other power ratings)
Resistance Value
(100 ohms and greater - First 3 significant digits plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503
(Less than 100 ohms - "R" is used to designate decimal)
Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohms = R250
Tolerance
J = ±5%; H = ±3%; F = ±1%; D = ±0.5%
Lead Free Construction
Ordering Data
AS - 3
27R0
F
LF
AS Series Issue August 2008 Sheet 3 of 3
Test Condition
Max
∆R
Load Life 1000 hours
1.0%
Moisture Resistance
1.0%
Temperature Cycle
0.5%
Short Time Overload
0.5%
Low Temperature Operation
0.5%
Solder Heat
0.25%
Shock
0.5%
Vibration
0.5%
Environmental Testing at 25°C
Power Derating Curve
Selected Pulse-Handling
Capability @ 125°C
Ambient Temperature (°C)
25
75
125
175
225
275
200
175
150
125
100
75
0
AS- 1/4, 1/2, 1, 1C
AS- 3, 2
AS- 2C
AS- 5, 10
AS- 7
AS- 2B
Resistance (ohms)
0.1
0.2
0.5
1
2
5
10
14
12
10
8
6
4
2
0
AS- 2A
AS- 3
AS- 2
AS- 2B
AS- 2C
AS- 1
AS- 1/2
AS- 1/4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com