Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C32PCM Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS320C32PCM
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCM Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320C32PCM Datasheet HTML 36Page - Texas Instruments TMS320C32PCM Datasheet HTML 37Page - Texas Instruments TMS320C32PCM Datasheet HTML 38Page - Texas Instruments TMS320C32PCM Datasheet HTML 39Page - Texas Instruments TMS320C32PCM Datasheet HTML 40Page - Texas Instruments TMS320C32PCM Datasheet HTML 41Page - Texas Instruments TMS320C32PCM Datasheet HTML 42Page - Texas Instruments TMS320C32PCM Datasheet HTML 43Page - Texas Instruments TMS320C32PCM Datasheet HTML 44Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
42
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing for SHZ pin [Q = tc(CI)] (see Figure 36)
’C32 - 50†
’C32 - 60
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
104
tdis(SHZ)
Disable time, SHZ low to all O, I/O pins in the high-impedance state
0†
2Q†
0†
2Q†
ns
† Assured by characterization but not tested
104
H3
H1
SHZ
(see Note A)
All I/O Pins
NOTE A: Enabling SHZ destroys ’C32 register and memory contents. Assert SHZ = 1 and reset the ’C32 to restore it to a known condition.
Figure 36. SHZ Pin Timing
Table 1. Thermal Resistance Characteristics for PCM package
PARAMETER
MIN
MAX
UNIT
R
ΘJA Junction-to-free-air
39
°C/W
R
ΘJC Junction-to-case
10.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com