Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC549GGU Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320VC549GGU
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549GGU Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC549GGU Datasheet HTML 18Page - Texas Instruments TMS320VC549GGU Datasheet HTML 19Page - Texas Instruments TMS320VC549GGU Datasheet HTML 20Page - Texas Instruments TMS320VC549GGU Datasheet HTML 21Page - Texas Instruments TMS320VC549GGU Datasheet HTML 22Page - Texas Instruments TMS320VC549GGU Datasheet HTML 23Page - Texas Instruments TMS320VC549GGU Datasheet HTML 24Page - Texas Instruments TMS320VC549GGU Datasheet HTML 25Page - Texas Instruments TMS320VC549GGU Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078F – SEPTEMBER 1998 – REVISED MAY 2000
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory and parallel I/O interface timing (continued)
switching characteristics over recommended operating conditions for a memory write
(MSTRB = 0) [H = 0.5 tc(CO)]†‡ (see Figure 6)
PARAMETER
’549-80
’549-100
’549-120
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
td(CLKH-A)
Delay time, address valid from CLKOUT high§
– 1
5
– 1
4
– 1
4
ns
td(CLKL-A)
Delay time, address valid from CLKOUT low¶
– 1
5
– 1
4
– 1
4
ns
td(CLKL-MSL)
Delay time, MSTRB low from CLKOUT low
– 1
5
– 1
4
– 1
3
ns
td(CLKL-D)W
Delay time, data valid from CLKOUT low
0
7
0
7
0
5
ns
td(CLKL-MSH)
Delay time, MSTRB high from CLKOUT low
– 1
5
– 1
5
– 1
3
ns
td(CLKH-RWL)
Delay time, R/W low from CLKOUT high
0
5
0
4
– 1
4
ns
td(CLKH-RWH)
Delay time, R/W high from CLKOUT high
– 1
5
– 1
4
– 1
4
ns
td(RWL-MSTRBL)
Delay time, MSTRB low after R/W low
H – 2
H + 3
H – 2
H + 2
H – 2
H + 2
ns
th(A)W
Hold time, address valid after CLKOUT high§
– 1
5
– 1
4
– 1
4
ns
th(D)MSH
Hold time, write data valid after MSTRB high
H–4
H+4¶
H–3
H+3¶
H–3
H+3¶
ns
tw(SL)MS
Pulse duration, MSTRB low
2H–5
2H–4
2H–4
ns
tsu(A)W
Setup time, address valid before MSTRB low
2H–5
2H–4
2H–4
ns
tsu(D)MSH
Setup time, write data valid before MSTRB high
2H–7
2H+7¶
2H–5
2H+5¶
2H–4
2H+4¶
ns
† Address, PS, and DS timings are all included in timings referenced as address.
‡ See Table 1, Table 2, and Table 3 for address bus timing variation with load capacitance.
§ In the case of a memory write preceded by a memory write.
¶ In the case of a memory write preceded by an I/O cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com