Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA005D14 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPA005D14
Description  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA005D14 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA005D14 Datasheet HTML 17Page - Texas Instruments TPA005D14 Datasheet HTML 18Page - Texas Instruments TPA005D14 Datasheet HTML 19Page - Texas Instruments TPA005D14 Datasheet HTML 20Page - Texas Instruments TPA005D14 Datasheet HTML 21Page - Texas Instruments TPA005D14 Datasheet HTML 22Page - Texas Instruments TPA005D14 Datasheet HTML 23Page - Texas Instruments TPA005D14 Datasheet HTML 24Page - Texas Instruments TPA005D14 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TPA005D14
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS240A – AUGUST 1999 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
losses in a real-world class-D amplifier
Losses make class-D amplifiers nonideal, and reduce the efficiency below 100%. These losses are due to the
output transistors having a nonzero rDS(on), and rise and fall times that are greater than zero.
The loss due to a nonzero rDS(on) is called conduction loss, and is the power lost in the output transistors at
nonswitching times, when the transistor is ON (saturated). Any RDS(on) above 0 Ω causes conduction loss.
Figure 25 shows an H-bridge output circuit simplified for conduction loss analysis and can be used to determine
new efficiencies with conduction losses included.
VDD = 5 V
RL
4
Ω
0.35
Ω
0.35
Ω
RDS(on)
RDS(off)
RDS(off)
RDS(on)
5 M
Ω
5 M
Ω
Figure 25. Output Transistor Simplification for Conduction Loss Calculation
The power supplied, PSUP, is determined to be the power output to the load plus the power lost in the transistors,
assuming that there are always two transistors on.
Efficiency
+ h +
I2R
L
I2 2r
DS(on) )
I2R
L
Efficiency
+ h +
P
L
P
SUP
Efficiency
+ h +
R
L
2r
DS(on) )
R
L
Efficiency
+ h + 95% at all output levels r
DS(on) +
0.1, R
L +
4
Efficiency
+ h + 85% at all output levels r
DS(on) +
0.35, R
L +
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com