Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM2I9940L Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM2I9940L
Description  Low Voltage 1:18 Clock Distribution Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I9940L Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM2I9940L Datasheet HTML 2Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 3Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 4Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 5Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 6Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 7Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 8Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 9Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
April 2007
ASM2I9940L
rev 1.2
Low Voltage 1:18 Clock Distribution Chip
6 of 13
Notice: The information in this document is subject to change without notice.
Table 9. DC Characteristics (T
A = -40° to +85°C, VCCI = 2.5V ± 5%, VCCO = 2.5V ± 5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
CMOS_CLK
2.0
VCCI
V
VIL
Input LOW Voltage
CMOS_CLK
0.8
V
VPP
Peak–to–Peak Input
Voltage
PECL_CLK
500
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCC-1.0
VCC-0.6
V
VOH
Output HIGH Voltage
1.8
V
IOH = -20mA
VOL
Output LOW Voltage
0.5
V
IOH = 20mA
IIN
Input Current
±200
µA
CIN
Input Capacitance
4.0
pF
Cpd
Power Dissipation Capacitance
10
pF
per output
ZOUT
Output Impedance
18
23
28
Ω
ICC
Maximum Quiescent Supply Current
0.5
1.0
mA
Table 10. AC Characteristics (T
A =-40° to +85°C, VCCI = 2.5V ± 5%, VCCO = 2.5V ± 5%)
Symbol
Characteristic
Min
Typ Max
Unit
Condition
Fmax
Maximum Input Frequency
200
MHz
tPLH
Propagation Delay
PECL_CLK < 150MHz
CMOS_CLK < 150MHz
2.6
2.3
4.0
3.1
5.2
4.0
nS
Note
1.
tPLH
Propagation Delay
PECL_CLK > 150MHz
CMOS_CLK > 150MHz
2.8
2.3
3.8
3.1
5.0
4.0
nS
tsk(o)
Output-to-output Skew
Within one bank
PECL_CLK
CMOS_CLK
200
200
pS
Note
1.
tsk(pp)
Part–to–Part Skew
PECL_CLK < 150MHz
CMOS_CLK < 150MHz
2.6
1.7
nS
Notes
1,2
tsk(pp)
Part–to–Part Skew
PECL_CLK > 150MHz
CMOS_CLK > 150MHz
2.2
1.7
nS
Notes
1,2
tsk(pp)
Part–to–Part Skew
PECL_CLK
CMOS_CLK
1.2
1.0
nS
Notes
1,3
DC
Output Duty Cycle
fCLK < 134 MHz
fCLK <250 MHz
45
40
50
50
55
60
%
%
Input DC = 50%
Input DC = 50%
tr, tf
Output Rise/Fall Time
0.3
1.2
nS
0.5 - 1.8 V
Note: 1. Tested using standard input levels, Production tested @ 150MHz.
2. Across temperature and voltage ranges, includes output skew.
3. For a specific temperature and voltage, includes output skew.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com