Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM2P3807A Datasheet(PDF) 14 Page - PulseCore Semiconductor

Part # ASM2P3807A
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P3807A Datasheet(HTML) 14 Page - PulseCore Semiconductor

Back Button ASM2P3807A Datasheet HTML 10Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 11Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 12Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 13Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 14Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 15Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 16Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 17Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 18Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
14 of 18
Notice: The information in this document is subject to change without notice.
Package Information
20-lead SSOP ( 150 mil )
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.346
1.753
A1
0.004
0.010
0.102
0.254
A2
….
0.059
….
1.499
D
0.337
0.344
8.560
8.738
c
0.007
0.011
0.178
0.274
E
0.228
0.244
5.791
6.198
E1
0.150
0.157
3.810
3.988
L
0.016
0.035
0.406
0.890
L1
0.010 BASIC
0.254 BASIC
b
0.008
0.014
0.203
0.356
R1
0.003
….
0.08
…..
a
0°
8°
0°
8°
e
0.025 BASIC
0.635 BASIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com