Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P622S00B Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P622S00B
Description  Low Frequency Timing-Safe??Peak EMI reduction IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P622S00B Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P622S00B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P622S00B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P622S00B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P622S00B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P622S00B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P622S00B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P622S00B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P622S00B Datasheet HTML 8Page - PulseCore Semiconductor ASM3P622S00B Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
May 2008
ASM3P622S00B/E
rev 0.5
Low Frequency Timing-Safe™ Peak EMI Reduction IC
4 of 15
Notice: The information in this document is subject to change without notice.
Pin Configuration for ASM3P622S00E
Pin Description for ASM3P622S00E
Pin #
Pin Name
Type
Description
1
CLKIN
1
I
External reference Clock input, 5V tolerant input
2
CLKOUT1
2
O
Buffered clock output
4
3
VDD
P
3.3V supply
4
SS%
3
I
Spread Spectrum Selection. Refer Spread Spectrum Control and Input-Output Skew
Table. Has an internal pull up resistor
5
GND
P
Ground
6
CLKOUT2
2
O
Buffered clock output
4
7
CLKOUT3
2
O
Buffered clock output
4
8
DLY_CTRL
O
External Input-Output Delay control.
9
SSON
3
I
Spread Spectrum enable and disable option. When SSON is HIGH, the spread
spectrum is enabled and when LOW, it turns off the spread spectrum. Has an internal
pull up resistor
10
CLKOUT4
2
O
Buffered clock output
4
11
CLKOUT5
2
O
Buffered clock output
4
12
GND
P
Ground
13
VDD
P
3.3V supply
14
CLKOUT6
2
O
Buffered clock output
4
15
CLKOUT7
2
O
Buffered clock output
4
16
CLKOUT
2
O
Buffered clock output
4
Notes: 1.Weak pull down
2. Weak pull-down on all outputs
3. Weak pull-up on these Inputs
4. Buffered clock output is Timing-Safe™
1
2
3
4
13
14
15
16
ASM3P622S00E
5
6
7
8
9
10
11
12
CLKOUT6
CLKOUT7
CLKOUT4
CLKOUT5
VDD
CLKOUT
GND
SSON
DLY_CTRL
VDD
SS%
GND
CLKOUT2
CLKOUT3
CLKOUT1
CLKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com