Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM2P2351AF-24AT Datasheet(PDF) 8 Page - PulseCore Semiconductor

Part # ASM2P2351AF-24AT
Description  1-Line To 10-Line Clock Driver With 3-State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2351AF-24AT Datasheet(HTML) 8 Page - PulseCore Semiconductor

Back Button ASM2P2351AF-24AT Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 9Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 10Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 11Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 12Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
November 2006
ASM2P2351AH
rev 0.3
1-Line To 10-Line Clock Driver With 3-State Outputs
8 of 12
Notice: The information in this document is subject to change without notice.
Package Information
24L SSOP (209 mil)
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
….
0.079
…
2.0
A1
0.002
…
0.05
…
A2
0.065
0.073
1.65
1.85
D
0.315
0.331
8.00
8.40
L
0.021
0.037
0.55
0.95
E
0.295
0.319
7.50
8.10
E1
0.197
0.220
5.00
5.60
R1
0.004
….
0.09
…..
b
0.009
0.015
0.22
0.38
c
0.004
0.010
0.09
0.25
L1
0.050REF
1.25 REF
e
0.026 BSC
0.65 BSC
a
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com