Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2182AF-08SR Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P2182AF-08SR
Description  LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2182AF-08SR Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P2182AF-08SR Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2182AF-08SR Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2182AF-08SR Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2182AF-08SR Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2182AF-08SR Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2182AF-08SR Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2182AF-08SR Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2182AF-08SR Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
August 2007
ASM3P2182A
rev 1.5
LCD Panel EMI Reduction IC
4 of 8
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20mA)
2.5
V
ICC
Dynamic supply current
Normal mode (3.3V and 10pF loading)
8.46
12
17.78
mA
IDD
Static supply current
Standby mode*
0.6
mA
VDD
Operating voltage
2.7
3.3
3.7
V
tON
Power up time
(first locked clock cycle after power up)
0.18
mS
ZOUT
Clock out impedance
50
Ω
* CLKIN pin is pulled low
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
25
210
MHz
ModOUT
Output frequency
25
210
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
1.2
1.32
1.4
nS
tHL*
Output fall time (measured at 2.0V to 0.8V)
0.8
0.9
1.0
nS
tJC
Jitter (cycle to cycle)
360
pS
TD
Output duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com