Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2187B Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P2187B
Description  Spread Spectrum Clock Generator for Mobile Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2187B Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P2187B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
May 2008
ASM3P2187A/B
rev 0.2
Spread Spectrum Clock Generator for Mobile Applications
4 of 9
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS – 0.3
0.8
V
VIH
Input high voltage
2.0
VDD+ 0.3
V
IIL
Input low current
-50
µA
IIH
Input high current
+50
µA
For ModOUT, IOL = 4mA
VOL
Output low voltage
For REFOUT, IOL = 3mA
VSS
0.4
V
For ModOUT, IOH = -4mA
VOH
Output high voltage
For REFOUT, IOH = -3mA
2.4
VDD
V
ICC
Dynamic supply current (Unloaded Outputs)
17
mA
IDD
Static supply current standby mode
(CLKIN/XIN pulled LOW)
8
mA
VDD
Operating voltage
3.3
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
2
5
mS
ZOUT
Clock output impedance
50
Ω
CIN
Input Capacitance
7
pF
CL
Load Capacitance
15
pF
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN/XIN
Input Clock frequency
12.5
15
20
MHz
REFOUT
12.5
15
20
CLKOUT
Output Clock
frequency
ModOUT
50
60
80
MHz
MF
Modulation Frequency
32.4
39
52
KHz
tLH*
Output rise time ( Measured from 20% to 80% )
2
2.5
nS
tHL*
Output fall time ( Measured from 80% to 20% )
1.5
2
nS
tJC
Cycle to Cycle Jitter
±250
±325
tJp
Period Jitter (REFOUT)
±150
±200
pS
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured with a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com