Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2183AF-08SR Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P2183AF-08SR
Description  EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2183AF-08SR Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P2183AF-08SR Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2183AF-08SR Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2183AF-08SR Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2183AF-08SR Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2183AF-08SR Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2183AF-08SR Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2183AF-08SR Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2183AF-08SR Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
March 2007
ASM3P2183A
rev 1.7
EMI Reduction IC
2 of 8
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN /CLKIN
I
Crystal connection or external frequency input. This pin has dual functions. It can
be connected to either an external crystal or an external reference clock.
2
XOUT
I
Crystal connection. Input connection for an external crystal. If using an external
reference, this pin must be left unconnected.
3
VSS
P
Ground to entire chip.
4
SS%
I
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Selection Table). This pin has an internal pull-up resistor.
5
ModOUT
O
Spread spectrum low EMI output.
6
VDD
P
Power supply for the entire chip.
7
FS0
I
Frequency range select. Digital logic input used to select frequency range
(Refer Input Frequency and Modulation Rate Table). This pin has an internal
pull-up resistor.
8
FS1
I
Frequency range select. Digital logic input used to select frequency range
(Refer Input Frequency and Modulation Rate Table). This pin has an internal
pull-up resistor.
VSS
XIN /CLKIN
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
VDD
SS%
FS0
FS1
XOUT
1
2
3
4
5
6
7
8
VDD
FS1
ModOUT
XIN / CLKIN
XOUT
VSS
SS%
FS0
ASM3P2183A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com