Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2187B Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM3P2187B
Description  Spread Spectrum Clock Generator for Mobile Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2187B Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM3P2187B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2187B Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
June 2006
ASM3P2187A/B
rev 0.1
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Spread Spectrum Clock Generator for Mobile Applications
Features
•
Generates a 4X EMI optimized clock signal at the
Output.
•
Input frequency
: 12.5MHz to 20MHz
•
Output frequency : 50MHz to 80MHz
•
REFOUT is same as input frequency
•
Selectable Centre Spread :
± 0.5%, ± 1.0%
•
Low power CMOS design
•
3.3V ± 0.3V Operating Voltage
•
Available in Industrial Temperature range
(-40to 85°C)
•
Available in 8-pin TSSOP
•
Drop-in replacement for MB88155-412 Device
Product Description
The ASM3P2187A/B is a versatile spread spectrum
frequency modulator designed specifically for a wide
range of clock frequencies. The ASM3P2187A/B reduces
electromagnetic interference (EMI) at the clock source,
allowing system wide reduction of EMI of
all clock
dependent
signals.
The
ASM3P2187A/B
allows
significant system cost savings by reducing the number of
circuit board layers ferrite beads,
shielding that are
traditionally required to pass EMI regulations.
ASM3P2187A device has an option of Spread ON/OFF
and ASM3P2187B device has Powerdown option
Applications
The ASM3P2187A/B is targeted towards mobile phones,
mobile audio players and PDAs.
Block Diagram
XIN
SEL
REFOUT
VSS
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
PLL
VDD
SSON/PDB
XOUT
Crystal
Oscillator
ModOUT


Similar Part No. - ASM3P2187B

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2187B PULSECORE-ASM3P2187B Datasheet
342Kb / 9P
Spread Spectrum Clock Generator for Mobile Applications
ASM3P2187BG-08TR PULSECORE-ASM3P2187BG-08TR Datasheet
342Kb / 9P
Spread Spectrum Clock Generator for Mobile Applications
logo
ON Semiconductor
ASM3P2187BG-08TR ONSEMI-ASM3P2187BG-08TR Datasheet
107Kb / 6P
Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
ASM3P2187BG-08TT PULSECORE-ASM3P2187BG-08TT Datasheet
342Kb / 9P
Spread Spectrum Clock Generator for Mobile Applications
logo
ON Semiconductor
ASM3P2187BG-08TT ONSEMI-ASM3P2187BG-08TT Datasheet
107Kb / 6P
Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
More results

Similar Description - ASM3P2187B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
Spread Spectrum Clock Generator for Mobile Applications
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com