Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2669AF-08ST Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P2669AF-08ST
Description  Low Power Peak EMI Reducing Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2669AF-08ST Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P2669AF-08ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2669AF-08ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2669AF-08ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2669AF-08ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2669AF-08ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2669AF-08ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2669AF-08ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2669AF-08ST Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2669AF-08ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
January 2007
ASM3P2669A
rev 1.7
Low Power Peak EMI Reducing Solution
3 of 11
Notice: The information in this document is subject to change without notice.
Pin Configuration (8-pin SOIC and TSSOP Package)
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN
I
External reference frequency input.
2
NC
-
No Connect.
3
PD
I
Power-down control pin. Pull low to enable power-down mode. Connect to VDD if not
used.
4
NC
-
No connect.
5
VSS
P
Ground connection.
6
ModOUT
O
Spread spectrum clock output.
7
NC
-
No connect.
8
VDD
P
Power supply for the entire chip
Modulation Profile
Specifications
Description
Specification
For 2.5V Supply
6MHz < CLKIN < 12MHz
Frequency Range
For 3.3V Supply
6MHz < CLKIN < 13MHz
Modulation Equation
FIN/256
Frequency Deviation
±1% @ 10MHz
CLKIN
VSS
ModOUT
NC
NC
1
2
3
4
5
6
7
8
ASM3P2669A
PD
NC
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com