Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2863AF-08TT Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P2863AF-08TT
Description  Low Power Peak EMI Reducing Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2863AF-08TT Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P2863AF-08TT Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2863AF-08TT Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2863AF-08TT Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2863AF-08TT Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2863AF-08TT Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2863AF-08TT Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2863AF-08TT Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2863AF-08TT Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2863AF-08TT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
January 2007
ASM3P2863A
rev 0.3
Low Power Peak EMI Reducing Solution
3 of 11
Notice: The information in this document is subject to change without notice.
NC
VSS
ModOUT
XIN / CLKIN
XOUT
1
2
3
4
5
6
7
8
ASM3P2863A
REFOUT
NC
VDD
Pin Configuration (8-pin SOIC and TSSOP Packages)
Pin Description
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected either to an external crystal or an external reference clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
REFOUT
O
Buffered output of the input frequency.
4
NC
-
No connect.
5
VSS
P
Ground connection.
6
ModOUT
O
Spread spectrum clock output.
7
NC
-
No connect.
8
VDD
P
Power supply for the entire chip
Modulation Profile
Specifications
Description
Specification
Input Frequency
12MHz
Modulation Equation
FIN/256
Frequency Deviation
± 0.4% ( Typ ) @ 12MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com