Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM5P23S05A Datasheet(PDF) 13 Page - PulseCore Semiconductor

Part # ASM5P23S05A
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P23S05A Datasheet(HTML) 13 Page - PulseCore Semiconductor

Back Button ASM5P23S05A Datasheet HTML 9Page - PulseCore Semiconductor ASM5P23S05A Datasheet HTML 10Page - PulseCore Semiconductor ASM5P23S05A Datasheet HTML 11Page - PulseCore Semiconductor ASM5P23S05A Datasheet HTML 12Page - PulseCore Semiconductor ASM5P23S05A Datasheet HTML 13Page - PulseCore Semiconductor ASM5P23S05A Datasheet HTML 14Page - PulseCore Semiconductor ASM5P23S05A Datasheet HTML 15Page - PulseCore Semiconductor ASM5P23S05A Datasheet HTML 16Page - PulseCore Semiconductor ASM5P23S05A Datasheet HTML 17Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ASM5P23S05A
November 2006
ASM5P23S09A
rev 1.5
3.3V ‘SpreadTrak’ Zero Delay Buffer
13 of 18
Notice: The information in this document is subject to change without notice.
16-lead (150 Mil) Molded SOIC Package
E
H
A
A1
A2
D
e
B
θ
L
C
h
Seating Plane
0.004
PIN 1 ID
1
8
916
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
A2
0.049
0.059
1.25
1.50
B
0.013
0.022
0.33
0.53
C
0.008
0.012
0.19
0.27
D
0.386
0.394
9.80
10.01
E
0.150
0.157
3.80
4.00
e
0.050 BSC
1.27 BSC
H
0.228
0.244
5.80
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.40
0.89
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com