Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2384A-08ST Datasheet(PDF) 9 Page - PulseCore Semiconductor

Part # P2384A-08ST
Description  Low Cost Frequency Multiplier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2384A-08ST Datasheet(HTML) 9 Page - PulseCore Semiconductor

Back Button P2384A-08ST Datasheet HTML 2Page - PulseCore Semiconductor P2384A-08ST Datasheet HTML 3Page - PulseCore Semiconductor P2384A-08ST Datasheet HTML 4Page - PulseCore Semiconductor P2384A-08ST Datasheet HTML 5Page - PulseCore Semiconductor P2384A-08ST Datasheet HTML 6Page - PulseCore Semiconductor P2384A-08ST Datasheet HTML 7Page - PulseCore Semiconductor P2384A-08ST Datasheet HTML 8Page - PulseCore Semiconductor P2384A-08ST Datasheet HTML 9Page - PulseCore Semiconductor P2384A-08ST Datasheet HTML 10Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
February 2007
P2384A
rev 0.2
Low Cost Frequency Multiplier
9 of 10
Notice: The information in this document is subject to change without notice.
Ordering Codes
Part Number
Marking
Package Type
Qty per reel
Temperature
P2384A-08ST
P2384AG
8-pin SOIC, Tube, GREEN
Commercial
P2384A-08SR
P2384AG
8-pin SOIC, Tape & reel, GREEN
2500
Commercial
P2384A-08TT
P2384AG
8-pin TSSOP, Tube, GREEN
Commercial
P2384A-08TR
P2384AG
8-pin TSSOP, Tape & reel, GREEN
2500
Commercial
I2384A-08ST
I2384AG
8-pin SOIC, Tube, GREEN
Industrial
I2384A-08SR
I2384AG
8-pin SOIC, Tape & reel, GREEN
2500
Industrial
I2384A-08TT
I2384AG
8-pin TSSOP, Tube, GREEN
Industrial
I2384A-08TR
I2384AG
8-pin TSSOP, Tape & reel, GREEN
2500
Industrial
P2384AF-08ST
P2384AF
8-pin SOIC, Tube, Pb Free
Commercial
P2384AF-08SR
P2384AF
8-pin SOIC, Tape & reel, Pb Free
2500
Commercial
P2384AF-08TT
P2384AF
8-pin TSSOP, Tube, Pb Free
Commercial
P2384AF-08TR
P2384AF
8-pin TSSOP, Tape & reel, Pb Free
2500
Commercial
I2384AF-08ST
I2384AF
8-pin SOIC, Tube, Pb Free
Industrial
I2384AF-08SR
I2384AF
8-pin SOIC, Tape & reel, Pb Free
2500
Industrial
I2384AF-08TT
I2384AF
8-pin TSSOP, Tube, Pb Free
Industrial
I2384AF-08TR
I2384AF
8-pin TSSOP, Tape & reel, Pb Free
2500
Industrial
Device Ordering Information
P
2384AX-08ST
Licensed under US patent Nos 5,488,627 and 5,631,920.
SR - SOIC, T/R
TT – TSSOP, TUBE
TR - TSSOP, T/R
ST – SOIC, TUBE
P = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (-40°C to 85°C)
PIN COUNT
Deviation (%) and Spread option Identifier
F = LEAD FREE AND RoHS COMPLIANT PART
G = GREEN PACKAGE, LEAD FREE, and RoHS
DEVICE NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com