Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCS2I99448 Datasheet(PDF) 10 Page - PulseCore Semiconductor

Part # PCS2I99448
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I99448 Datasheet(HTML) 10 Page - PulseCore Semiconductor

Back Button PCS2I99448 Datasheet HTML 6Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 7Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 8Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 9Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 10Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 11Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 12Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 13Page - PulseCore Semiconductor PCS2I99448 Datasheet HTML 14Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
September 2006
PCS2I99448
rev 0.4
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
10 of 15
Notice: The information in this document is subject to change without notice.
Pulse
Generator
Z=50
Ω
Z0=50Ω
Z0=50Ω
RT=50Ω
RT=50Ω
VTT
TT
Figure 9. CCLK PCS2I99448 AC Test Reference for VCC = 3.3V and VCC
The Following Figures illustrate the Measurement Reference for the PCS2I99448 Clock Driver Circuit
Differential
Pulse Generator
Z=50
Ω
Z0=50Ω
Z0=50Ω
RT=50Ω
VTT
VTT
RT=50Ω
Figure 10. PCLK PCS2I99448 AC Test Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com