Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCS2P20807A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS2P20807A
Description  2.5V CMOS 1-TO-10 CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P20807A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS2P20807A Datasheet HTML 1Page - PulseCore Semiconductor PCS2P20807A Datasheet HTML 2Page - PulseCore Semiconductor PCS2P20807A Datasheet HTML 3Page - PulseCore Semiconductor PCS2P20807A Datasheet HTML 4Page - PulseCore Semiconductor PCS2P20807A Datasheet HTML 5Page - PulseCore Semiconductor PCS2P20807A Datasheet HTML 6Page - PulseCore Semiconductor PCS2P20807A Datasheet HTML 7Page - PulseCore Semiconductor PCS2P20807A Datasheet HTML 8Page - PulseCore Semiconductor PCS2P20807A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
September 2006
PCS2P20807A
rev 0.3
2.5V CMOS 1-TO-10 CLOCK DRIVER
2 of 11
Notice: The information in this document is subject to change without notice.
Pin Configuring
Pin Description
Capacitance (TA = +25°C, f = 1.0MHz)
Pin #
Pin Names
Description
1
I N
Clock Input
3,5,7,9,11,12,14,16,18,19
O1-O10
Clock Outputs
2,6,10,13,17
GND
Ground
4,8,15,20
VCC
Power supply
Symbol
Parameter
1
Conditions
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0V
3
4
pF
NOTE:1. This parameter is measured at characterization but not tested.
SSOP/ QSOP PACKAGE
TOP VIEW
IN
GND
O1
VCC
O2
GND
O3
VCC
O4
GND
O5
O6
GND
O7
VCC
O8
GND
O9
O10
VCC
PCS2P20807A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com