Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCS3P623Z09A Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS3P623Z09A
Description  Timing-Safe??Peak EMI reduction IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P623Z09A Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS3P623Z09A Datasheet HTML 1Page - PulseCore Semiconductor PCS3P623Z09A Datasheet HTML 2Page - PulseCore Semiconductor PCS3P623Z09A Datasheet HTML 3Page - PulseCore Semiconductor PCS3P623Z09A Datasheet HTML 4Page - PulseCore Semiconductor PCS3P623Z09A Datasheet HTML 5Page - PulseCore Semiconductor PCS3P623Z09A Datasheet HTML 6Page - PulseCore Semiconductor PCS3P623Z09A Datasheet HTML 7Page - PulseCore Semiconductor PCS3P623Z09A Datasheet HTML 8Page - PulseCore Semiconductor PCS3P623Z09A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PCS3P623Z05A/B
May 2008
PCS3P623Z09A/B
rev 0.1
Timing-Safe™ Peak EMI Reduction IC
4 of 15
Notice: The information in this document is subject to change without notice.
Pin Configuration for PCS3P623Z09A/B
Pin Description for PCS3P623Z09A/B
Pin #
Pin Name
Pin Type
Description
1
CLKIN
1
I
External reference Clock input, 5V tolerant input
2
CLKOUTA1
2
O
Buffered clock Bank A output
4
3
CLKOUTA2
2
O
Buffered clock Bank A output
4
4
VDD
P
3.3V supply
5
GND
P
Ground
6
CLKOUTB1
2
O
Buffered clock Bank B output
4
7
CLKOUTB2
2
O
Buffered clock Bank B output
4
8
S2
3
I
Select input, bit 2.See Select Input Decoding table for PCS3P623Z09 for more details
9
S1
3
I
Select input, bit 1.See Select Input Decoding table for PCS3P623Z09 for more details
10
CLKOUTB3
2
O
Buffered clock Bank B output
4
11
CLKOUTB4
2
O
Buffered clock Bank B output
4
12
GND
P
Ground
13
VDD
P
3.3V supply
14
CLKOUTA3
2
O
Buffered clock Bank A output
4
15
CLKOUTA4
2
O
Buffered clock Bank A output
4
16
DLY_CTRL
2
O
External Input-Output Delay control. This pin can be used as clock output
Notes: 1. Weak pull down
2. Weak pull-down on all outputs
3. Weak pull-up on these Inputs
4. Buffered clock output is Timing-Safe™
1
2
3
4
13
14
15
16
PCS3P623Z09 A/B
5
6
7
8
9
10
11
12
CLKOUTA3
CLKOUTA4
CLKOUTB3
CLKOUTB4
VDD
GND
S1
DLY_CTRL
VDD
GND
CLKOUTB1
CLKOUTB2
CLKOUTA1
CLKIN
CLKOUTA2
S2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com