Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCS3P623Z09B Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # PCS3P623Z09B
Description  Timing-Safe??Peak EMI reduction IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P623Z09B Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button PCS3P623Z09B Datasheet HTML 2Page - PulseCore Semiconductor PCS3P623Z09B Datasheet HTML 3Page - PulseCore Semiconductor PCS3P623Z09B Datasheet HTML 4Page - PulseCore Semiconductor PCS3P623Z09B Datasheet HTML 5Page - PulseCore Semiconductor PCS3P623Z09B Datasheet HTML 6Page - PulseCore Semiconductor PCS3P623Z09B Datasheet HTML 7Page - PulseCore Semiconductor PCS3P623Z09B Datasheet HTML 8Page - PulseCore Semiconductor PCS3P623Z09B Datasheet HTML 9Page - PulseCore Semiconductor PCS3P623Z09B Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PCS3P623Z05A/B
May 2008
PCS3P623Z09A/B
rev 0.1
Timing-Safe™ Peak EMI Reduction IC
6 of 15
Notice: The information in this document is subject to change without notice.
Electrical Characteristics
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input LOW Voltage
5
0.8
V
VIH
Input HIGH Voltage
5
2.0
V
IIL
Input LOW Current
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
Output LOW Voltage
6
IOL = 8mA
0.4
V
VOH
Output HIGH Voltage
6
IOH = -8mA
2.4
V
IDD
Supply Current
Unloaded outputs
27
mA
Zo
Output Impedance
23
Ω
Note: 5. CLKIN input has a threshold voltage of VDD/2
6. Parameter is guaranteed by design and characterization. Not 100% tested in production
Switching Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
Input Frequency
20
50
MHz
Output Frequency
30pF load
20
50
MHz
Duty Cycle
7,8 = (t2 / t1) * 100
Measured at VDD/2
40
50
60
%
Output Rise Time
7, 8
Measured between 0.8V and 2.0V
2.5
nS
Output Fall Time
7, 8
Measured between 2.0V and 0.8V
2.5
nS
Output-to-output skew
7, 8
All outputs equally loaded
250
pS
Delay, CLKIN Rising Edge to
CLKOUT Rising Edge
8
Measured at VDD /2
±350
pS
Device-to-Device Skew
8
Measured at VDD/2 on the CLKOUT pins
of the device
700
pS
Cycle-to-Cycle Jitter
7, 8
Loaded outputs
±250
pS
PLL Lock Time
8
Stable power supply, valid clock presented
on CLKIN pin
1.0
mS
Note: 7. All parameters specified with 30pF loaded outputs.
8. Parameter is guaranteed by design and characterization. Not 100% tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com