Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

US30KB80R Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # US30KB80R
Description  Silicon Bridge Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

US30KB80R Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  US30KB80R Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd US30KB80R Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd US30KB80R Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd US30KB80R Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd US30KB80R Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd US30KB80R Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Item
Symbol
Storage Temperature
●
Absolute Maximum Ratings(Tc=25℃/Unless otherwise specified)
Tstg
Operation Junction Temperature
Tj
Maximun Reverse Voltage
VRM
IFSM
Peak Surge Forward Current
I2t
Current Squared Time
Mounting Torque
TOR
Conditions
Unit
US4KB80R US6KB80R US8KB80R
−55∼150
150
800
℃
℃
V
A
A
A2s
A2s
kV
N・m
60Hz sine wave, Non-repetitive 1cycle peak value,
Tj=25℃
With heatsink
Without heatsink
Tj=25℃, Per diode
IFSM1
Non−repetitive, Tj=25℃
(Recommended torque:0.5N・m)
Dielectric Strength
Vdis
Terminals to cace, AC 1 minute
Average Rectified Forward Current
I
o
60Hz sine wave,
Resistance load
8
(Tc=108℃)
2.2
200
(Ta=26℃)
575
(tp=1ms)
●
Electrical Characteristics(Tc=25℃/Unless otherwise specified)
VF
Forward Voltage
Reverse Current
IR
V
μA
℃/W
Pulse measurement, Per diode
Type No.
VR=800V, Pulse measurement, Per diode
θjc
Junction to case, With heatsink
θja
Junction to ambient, Without heatsink
Thermal Resistance
θjl
Junction to lead, Without heatsink
MAX. 1.00
MAX. 2.8
US8K80R
(IF=4A)
4
(Tc=125℃)
6
(Tc=116℃)
2.1
(Ta=30℃)
2.1
(Ta=30℃)
150
175
245
(tp=3ms)
470
(tp=1ms)
93
(3ms≦t<8.3ms)
MAX. 1.00
(IF=2A)
MAX. 1.00
(IF=3A)
MAX. 3.5
MAX. 3.0
MAX.
5
MAX. 35
MAX. 10
US4K80R
US6K80R
112
2.0
0.8
(1ms≦t<8.3ms)
166
(1ms≦t<8.3ms)
Storage Temperature
●
Absolute Maximum Ratings(Tc=25℃/Unless otherwise specified)
Tstg
Operation Junction Temperature
Tj
Maximun Reverse Voltage
VRM
IFSM
Peak Surge Forward Current
I2t
Current Squared Time
Mounting Torque
TOR
US10KB80R US15KB80R US30KB80R
−55∼150
150
800
10
℃
℃
V
A
A
kV
N・m
60Hz sine wave, Non−repetitive 1cycle peak value,
Tj=25℃
With heatsink
Without heatsink
Tj=25℃, Per diode
IFSM1
Non-repetitive, Tj=25℃
(Recommended torque:0.5N・m)
Dielectric Strength
Vdis
Terminals to cace, AC 1 minute
Average Rectified Forward Current
I
o
60Hz sine wave,
Resistance load
(Tc=100℃)
15
(Tc=101℃)
30
(Tc=97℃)
2
(Ta=28℃)
2
(Ta=30℃)
2.1
150
200
350
(Ta=27℃)
245
(tp=3ms)
330
(tp=3ms)
1000
(tp=1ms)
93
(3ms≦t<8.3ms)
●
Electrical Characteristics(Tc=25℃/Unless otherwise specified)
VF
Forward Voltage
Reverse Current
IR
V
μA
℃/W
Pulse measurement, Per diode
Type No.
VR=800V, Pulse measurement, Per diode
θjc
Junction to case, With heatsink
θja
Junction to ambient, Without heatsink
Thermal Resistance
θjl
Junction to lead, Without heatsink
MAX. 1.10
(IF=5A)
MAX. 1.10
(IF=7.5A)
MAX. 1.10
MAX. 2.5
MAX. 1.5
MAX.
5
MAX. 35
MAX. 10
MAX. 0.8
U10K80R
U15K80R
U30K80R
(IF=15A)
166
2.0
0.8
(3ms≦t<8.3ms)
510
(1ms≦t<8.3ms)
RATINGS
Unit
Item
Symbol
Conditions
CAT.No.TJ 536



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com