Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CX1HCSM1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # CX1HCSM1
Description  10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX1HCSM1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  CX1HCSM1 Datasheet HTML 1Page - RSG Electronic Components GmbH CX1HCSM1 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
10 kHz to 600 kHz
Standard Calibration Tolerance* (see table below)
Motional Resistance (R1)
Figure 1
MAX.: 10-169.9 kHz, 2x Typ.
170-600 kHz, 2.5x Typ.
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
Min. is 0.25x Typ.
Shunt Capacitance (C0)
2.0 pF MAX
Drive Level
10-24.9 kHz 1.5
µW MAX
25-600 kHz 3.0
µW MAX
Turning Point (T0)**
Figure 4
Temperature Coefficient (k) -0.035 ppm/
OC2
Aging, first year
5 ppm MAX
Shock, survival***
1,000 g, 1ms, 1/2 sine
Vibration, survival***
20 g RMS, 10-2,000 Hz
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature
260
O C for 20 sec.
* Tighter frequency calibration available.
** Other turning point available.
*** Higher shock and vibration available.
CX1HSM Standard Calibration Tolerance at 25OC
Frequency Range (kHz)
10-74.9
75-169.9
170-249.9
250-600
30 ppm
50 ppm
100 ppm
200 ppm
(0.003%)
(0.005%)
(0.01%)
(0.02%)
100 ppm
100 ppm
200 ppm
500 ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
1000 ppm
1000 ppm
2000 ppm
5000 ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Operating Temp. Range:
C = -10
OC to +70OC
I
= -40
OC to +85OC
M = -55
OC to +125OC
S = Customer Specified
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10122 - Rev D
HOW TO ORDER CX1HSM CRYSTALS
CX1H
S
C
SM1
32.768K
,
30
/
M
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
Blank= Glass Lid
C=Ceramic Lid
PACKAGING
CX1HSM
- Tray Pack
- 16mm tape, 7” or 13” reels
(Reference tape and reel data sheet 10109)
FIGURE 1
CX1H TYPICAL MOTIONAL RESISTANCE (R
1)
FIGURE 2
CX1H TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX1H TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX1H TYPICAL TURNING POINT TEMP. (T
0)
1000
500
2
0
0
100
50
20
10
10
20
50
100 200
600
Frequency (kHz)
10
20
50
100
200
600
Frequency (kHz)
50
20
10
5
2
10
20
50
100
200
600
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
10
20
50
100 200
600
Frequency (kHz)
5
2
1.
0
0.5
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by:
Calibration
Tolerance
@ 25
OC
(in ppm)
“S” if special or
custom design.
Blank if Std.
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
Frequency
K = kHz
f-f0
=
k(T-T0)
2
f0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com