Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CX1HCSM2 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX1HCSM2
Description  10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX1HCSM2 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX1HCSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX1HCSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
DESCRIPTION
The CX1HSM quartz crystal is a high quality tuning fork
resonator for use in Series (two cascaded inverters)
oscillators. The CX1HSM is hermetically sealed in a rugged,
miniature ceramic package.
The CX1HSM crystal is
manufactured using the STATEK-developed photo-
lithographic process, and was designed utilizing the
experience acquired by producing millions of crystals for
industrial, commercial, military and medical applications.
Maximum process temperature should not exceed 260
OC.
FEATURES
Miniature tuning fork design
High shock resistance
Designed for low power applications
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Designed and manufactured in the USA
CX1HSM CRYSTAL
10 kHz to 600 kHz
Miniature
Surface Mount
Quartz Crystal for Series Oscillators
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.315
8.00
0.330
8.38
B
0.140
3.56
0.155
3.94
C
-
-
see below
D
0.045
1.14
0.055
1.40
E
0.060
1.52
0.070
1.78
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.065
1.65
0.070
1.78
SM2
0.067
1.70
0.072
1.83
SM3
0.070
1.78
0.075
1.90
10122 - Rev D
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
A
B
E
D
D
TOP
BOTTOM
C
E
PACKAGE DIMENSIONS
actual size
side view
0.160 (4.06)
inches (mm)
0.070 (1.78)
0.270 (6.86)
SUGGESTED LAND PATTERN
CONVENTIONAL SERIES
OSCILLATOR CIRCUIT
BUFFER
CX1H XTAL
OSCILLATOR
Contact factory for
design guidelines
™
Glass Lid Shown


Similar Part No. - CX1HCSM2

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX1H EUROQUARTZ-CX1H Datasheet
290Kb / 2P
Frequency Range 10kHz to 600kHz
logo
STATEK CORPORATION
CX1H STATEK-CX1H Datasheet
165Kb / 2P
Miniature Quartz Crystal for Series Oscillators
logo
IQD Frequency Products ...
CX1H-TF IQD-CX1H-TF Datasheet
229Kb / 3P
Quartz Crystal Specification
CX1HG-AT IQD-CX1HG-AT Datasheet
174Kb / 3P
Quartz Crystal Specification
logo
RSG Electronic Componen...
CX1HGCSM1 RSG-CX1HGCSM1 Datasheet
89Kb / 2P
8 MHz to 250 MHz High Shock Miniature Surface Mount AT Quartz Crystal
More results

Similar Description - CX1HCSM2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX-3V-SM ETC1-CX-3V-SM Datasheet
51Kb / 2P
18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX-2V STATEK-CX-2V Datasheet
123Kb / 2P
order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3HSM RSG-CX3HSM Datasheet
473Kb / 2P
18 kHz to 600 kHz Low Profile Surface Mount Quartz Crystal for Series Oscillators
CX3VSM RSG-CX3VSM Datasheet
509Kb / 2P
18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
CX-7V-SM RSG-CX-7V-SM Datasheet
63Kb / 2P
80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX-1H-03 RSG-CX-1H-03 Datasheet
84Kb / 2P
10 kHz to 600 kHz Miniature Quartz Crystal for Series Oscillators
CX-1V-03 RSG-CX-1V-03 Datasheet
89Kb / 2P
10 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com