Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TRF7003 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF7003
Description  MOSFET POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF7003 Datasheet(HTML) 1 Page - Texas Instruments

  TRF7003 Datasheet HTML 1Page - Texas Instruments TRF7003 Datasheet HTML 2Page - Texas Instruments TRF7003 Datasheet HTML 3Page - Texas Instruments TRF7003 Datasheet HTML 4Page - Texas Instruments TRF7003 Datasheet HTML 5Page - Texas Instruments TRF7003 Datasheet HTML 6Page - Texas Instruments TRF7003 Datasheet HTML 7Page - Texas Instruments TRF7003 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TRF7003
MOSFET POWER AMPLIFIER
SLWS058C – APRIL 1997 – REVISED JULY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Frequency Range up to
1000 MHz
D High Output Power:
– Typical Value of 32 dBm at 4.8 V and 900
MHz
– Typical Value of 29 dBm at 3.6 V and
900 MHz
D High Gain:
– Typical Value of 9 dB at 4.8 V and
900 MHz at 32-dBm Output Power
D High Power-Added Efficiency (PAE):
– Typical Value of 50% at 32-dBm Output
Power
D Low Cost
D Extremely Rugged:
– Sustains 20:1 Load Mismatch
D Suitable for Various Wireless Applications
D Low Leakage Current <1 mA
D SOT-89 Plastic Power Package
D 1000 V Human Body Model ESD Protection
on Gate and Drain
description
The TRF7003 power amplifier is a silicon, metal-oxide semiconductor, field-effect transistor (MOSFET)
manufactured using the Texas Instruments RFMOS
™ process. It is housed in a SOT-89 (PK) plastic power
package. The TRF7003, suitable for a variety of wireless applications, has been characterized for global
systems for mobile communications (GSM) power amplifier applications. The TRF7003, a rugged, low-cost
device, operates from a single-polarity positive power supply and has low leakage current. Typical power output
at 900 MHz is 32 dBm, with an associated power gain of 9 dB and 50-percent power-added efficiency (PAE).
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
GS
D
PK PACKAGE
(TOP VIEW)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
RFMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TRF7003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7610 TI-TRF7610 Datasheet
160Kb / 11P
SILICON MOSFET POWER AMPLIFIER IC FOR GSM
TRF7610PWP TI-TRF7610PWP Datasheet
160Kb / 11P
SILICON MOSFET POWER AMPLIFIER IC FOR GSM
TRF7900A TI-TRF7900A Datasheet
47Kb / 3P
Fully Integrated Analog Front-End Dual Receiver Base Unit for 27-MHz Wireless Mouse and Keyboard Systems
TRF7900A TI1-TRF7900A Datasheet
95Kb / 5P
Fully Integrated Analog Front-End Dual Receiver Base Unit for 27-MHz Wireless Mouse and Keyboard Systems
TRF7900APW TI-TRF7900APW Datasheet
47Kb / 3P
Fully Integrated Analog Front-End Dual Receiver Base Unit for 27-MHz Wireless Mouse and Keyboard Systems
More results

Similar Description - TRF7003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7610 TI-TRF7610 Datasheet
160Kb / 11P
SILICON MOSFET POWER AMPLIFIER IC FOR GSM
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
POWER AMPLIFIER
logo
Hitachi Semiconductor
PF0140 HITACHI-PF0140 Datasheet
246Kb / 7P
MOSFET POWER AMPLIFIER MODULE FOR GSM HANDY PHONE
logo
STMicroelectronics
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
logo
RFHIC
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
Power Amplifier
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
Power Amplifier
logo
Toshiba Semiconductor
RFM08U9X TOSHIBA-RFM08U9X Datasheet
175Kb / 4P
RF POWER MOSFET FOR VHF.AND UHF.BAND POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
Power Amplifier
logo
STMicroelectronics
TDA7851F STMICROELECTRONICS-TDA7851F Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
AB Class Audio Power Amplifier, MOSFET IC Power Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com