Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCE62002RHBT Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002RHBT
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBT Datasheet(HTML) 37 Page - Texas Instruments

Back Button CDCE62002RHBT Datasheet HTML 33Page - Texas Instruments CDCE62002RHBT Datasheet HTML 34Page - Texas Instruments CDCE62002RHBT Datasheet HTML 35Page - Texas Instruments CDCE62002RHBT Datasheet HTML 36Page - Texas Instruments CDCE62002RHBT Datasheet HTML 37Page - Texas Instruments CDCE62002RHBT Datasheet HTML 38Page - Texas Instruments CDCE62002RHBT Datasheet HTML 39Page - Texas Instruments CDCE62002RHBT Datasheet HTML 40Page - Texas Instruments CDCE62002RHBT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Lock Detect
PFD/
CP
FromInputDivider
FromFeedbackDivider
ToLoopFilter
FromInputDivider
FromFeedbackDivider
Locked
Unlocked
FromInputDivider
FromFeedbackDivider
Register 0
LockDetectWindow (Max)
LockDetectWindow Adjust
(a)
(b)
13 14
FromLockDetector
PLL_LOCK
1 = Locked
O = Unlocked
(c)
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
The CDCE62002 provides a lock detect indicator circuit that can be detected on an external Pin PLL_LOCK (Pin
32) and internally by reading PLLLOCKPIN bit (6) in Register 2.
Two signals whose phase difference is less than a prescribed amount are ‘locked’ otherwise they are ‘unlocked’.
The phase frequency detector / charge pump compares the clock provided by the input divider and the feedback
divider; using the input divider as the phase reference. The lock detect circuit implements a programmable lock
detect window. Table 20 shows an overview of how to configure the lock detect feature. The PLL_LOCK pin will
possibly jitter several times between lock and out of lock until the PLL achieves a stable lock. If desired, choosing
a wide loop bandwidth and a high number of successive clock cycles virtually eliminates this characteristic.
PLL_LOCK will return to out of lock, if just one cycle is outside the lock detect window or if a cycle slip occurs.
Figure 29. CDCE62002 Lock Detect
Table 20. CDCE62002 Lock Detect Control
LOCK DETECT
LOCK DETECT
BIT NAME
→
LOCKW(1)
LOCKW(0)
WINDOW
REGISTER NAME
→
0.13
0.14
0
0
2.1 ns
0
1
4.6 ns
1
0
7.2 ns
1
1
19.9 ns
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com