Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS10ZG-375-R1K-L10 Datasheet(PDF) 5 Page - ASM GmbH

Part # WS10ZG-375-R1K-L10
Description  Analog, SSI or CANopen Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10ZG-375-R1K-L10 Datasheet(HTML) 5 Page - ASM GmbH

  WS10ZG-375-R1K-L10 Datasheet HTML 1Page - ASM GmbH WS10ZG-375-R1K-L10 Datasheet HTML 2Page - ASM GmbH WS10ZG-375-R1K-L10 Datasheet HTML 3Page - ASM GmbH WS10ZG-375-R1K-L10 Datasheet HTML 4Page - ASM GmbH WS10ZG-375-R1K-L10 Datasheet HTML 5Page - ASM GmbH WS10ZG-375-R1K-L10 Datasheet HTML 6Page - ASM GmbH WS10ZG-375-R1K-L10 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CONN-M12-8F
PMUV
PMUI
ASM GmbH
PN-E-09
19
www.asm-sensor.com
Signal conditioner
PMUV / PMUI
Voltage or current
output
Excitation voltage
18 ... 27 V DC
Excitation current
50 mA max.
Voltage output
PMUV
Output current
Output load
0 ... 10 V
10 mA max.
1 kΩ min.
Current output
PMUI
Load resistor
4 ... 20 mA
500 Ω max.
Adjustment
Activation of offset und gain
Scalable range
Connect with excitation GND
90% max f. s.
Stability (temperature)
±50 x 10-6 / °C f. s.
Operation temperature
-20 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
According to EN61326:2004
Signal wiring
Output signal name
Connector pin no.
Excitation +
1
Excitation GND
2
Signal +
3
Signal GND
4
Offset
7
Gain
8
View to sensor
connector
Signal diagram
Excitation +
Excitation GND
Signal +
Signal GND
Offset
Gain
Connection
POSIWIRE®
PMUV / PMUI
Analog Outputs for WS Position Sensors
Signal wiring PMUI2
Output signal name
Connector pin no.
Excitation +
1
Excitation GND
2
Signal +
5
Signal GND
6
Offset
7
Gain
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com