Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS17KT-2500-R1K-L10 Datasheet(PDF) 1 Page - ASM GmbH

Part # WS17KT-2500-R1K-L10
Description  analog or SSI output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS17KT-2500-R1K-L10 Datasheet(HTML) 1 Page - ASM GmbH

  WS17KT-2500-R1K-L10 Datasheet HTML 1Page - ASM GmbH WS17KT-2500-R1K-L10 Datasheet HTML 2Page - ASM GmbH WS17KT-2500-R1K-L10 Datasheet HTML 3Page - ASM GmbH WS17KT-2500-R1K-L10 Datasheet HTML 4Page - ASM GmbH WS17KT-2500-R1K-L10 Datasheet HTML 5Page - ASM GmbH WS17KT-2500-R1K-L10 Datasheet HTML 6Page - ASM GmbH WS17KT-2500-R1K-L10 Datasheet HTML 7Page - ASM GmbH WS17KT-2500-R1K-L10 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
16
CAT-WS-E-05
ASM
www.asm-sensor.com
Compact sensor for medium ranges
· Protection class IP64
· Measurement ranges:
0 ... 1500 mm to 0 ... 15000 mm
· Analog output0…10V,4…20mA, potentiometer
or A/D converted synchronous serial output (SSI)
Specifications
Outputs
Potentiometer: 1 k
W
Voltage: 0...10 V
Current: 4...20 mA, 2 or 3 wire
Voltage and current output, adjustable
A/D converted synchronous serial max. 16 bit (SSI)
Resolution
Essentially inifinite / ADSI16: max. 16 bit full scale
Material
Aluminium and stainless steel
Cable: stainless steel
Sensing Device
Precision potentiometer
Connector
Male socket 8 pin (M12 or DIN 45326)
Linearity
Up to ±0.05 % full scale
Protection class
IP64
Weight
See table next page
Environmental
EMC
Refer to output specification
Temperature
Refer to output specification
Order Code WS17KT
Model Name
Measurement Range (in mm)
1500 / 2000 / 2500 / 3000 / 4000 / 5000 / 6250 / 10000 / 12500 / 15000
Outputs (see pages 57 ff.)
R1K
= Potentiometer 1 k
W (other values on request)
10V
= with 0 ... 10 V signal conditioner
420A = with 4 ... 20 mA signal conditioner (2 wire)
420T = with 4 ... 20 mA signal conditioner (3 wire)
PMU = with 0...10 V/4 … 20 mA signal conditioner, adjustable
ADSI = with A/D converted synchronous serial output 16 bit (option: 12, 14 bit)
Linearity
L10 = ±0.10 %
option:
L05 = ±0,05 %
L25 = ±0.25 %
Cable fixing
M4
= M4 cable fixing
SB0
= Cable clip
Connection
M12
= 8 pin socket M12
D8
= 8 pin socket DIN 45326
Order Example: WS17KT - 2500 - 10V - L10 - M4 - M12
Model WS17KT
with analog or SSI output
WS17KT
Analog or SSI
Order Code Mating Connector (see accessories p. 82) D8:
M12: CONN-M12-8F-G
CONN-DIN-8F-W


Similar Part No. - WS17KT-2500-R1K-L10

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
WS1 E-SWITCH-WS1 Datasheet
805Kb / 3P
WS1 Series Snap Action Switch
logo
OKI electronic componet...
WS1 OKI-WS1 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
logo
Metcal
WS1 METCAL-WS1 Datasheet
367Kb / 2P
Hand Soldering, Desoldering, & Rework
WS1 METCAL-WS1 Datasheet
4Mb / 9P
60W Single Output Solder / Rework System
WS1 METCAL-WS1 Datasheet
3Mb / 6P
60W Dual Output System w/ Internal Pump Data Sheet
More results

Similar Description - WS17KT-2500-R1K-L10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
ASM GmbH
WB17KT ASM-SENSOR-WB17KT Datasheet
373Kb / 4P
Analog, SSI or CANopen Output
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
analog or SSI output
WS2.1 ASM-SENSOR-WS2.1 Datasheet
78Kb / 4P
Analog or A/D converted synchronous serial output
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
analog or SSI output
WS10SG ASM-SENSOR-WS10SG Datasheet
325Kb / 10P
analog or SSI output
WS10ZG ASM-SENSOR-WS10ZG Datasheet
508Kb / 7P
Analog, SSI or CANopen Output
WS12 ASM-SENSOR-WS12 Datasheet
349Kb / 10P
analog or SSI output
logo
Extech Instruments Corp...
382203 EXTECH-382203_15 Datasheet
204Kb / 1P
Analog or Digital Triple Output DC Power Supply
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
Industrial Analog Current or Voltage Output Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com