Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS10EX-375-R1K-L05 Datasheet(PDF) 1 Page - ASM GmbH

Part # WS10EX-375-R1K-L05
Description  analog output Dust explosion-proof
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10EX-375-R1K-L05 Datasheet(HTML) 1 Page - ASM GmbH

  WS10EX-375-R1K-L05 Datasheet HTML 1Page - ASM GmbH WS10EX-375-R1K-L05 Datasheet HTML 2Page - ASM GmbH WS10EX-375-R1K-L05 Datasheet HTML 3Page - ASM GmbH WS10EX-375-R1K-L05 Datasheet HTML 4Page - ASM GmbH WS10EX-375-R1K-L05 Datasheet HTML 5Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
38
CAT-WS-E-05
ASM
www.asm-sensor.com
Specifications
Outputs
Potentiometer: 1 k
W
Voltage: 0...10 V
Current: 4...20 mA, 2 or 3 wire
Material
Aluminium and stainless steel.
Cable: stainless steel
Resolution
Essentially infinite
Sensing Device
Precision potentiometer
Connection
Cable output, standard length 1.5 m
Linearity
Up to ±0.05 % full scale
Weight
800 g max.
Temperature
-20 to +70°C
Conformity of standards
Explosion-proof
DIN EN 50281:1999, category 3, zone 22
EMC
DIN EN 61326:2004
Protection class of housing
DIN EN 60529:2000, IP65
Shock
DIN EN 60068-2-27:1993, 50 g 11 ms, 100 shocks
Vibration
DIN-EN 60068-2-6:1996, 20 g, 10 Hz … 2 kHz, 10 cycles
Order Code WS10EX
Model Name
Measurement Range (in mm)
100 / 125 / 375 / 500 / 750 / 1000 / 1250
Outputs (see pages 57 and 58)
R1K
= Potentiometer 1 k
W (other values on request)
10V
= with 0 ... 10 V signal conditioner
420A
= with 4 ... 20 mA signal conditioner (2 wire)
420T
= with 4 ... 20 mA signal conditioner (3 wire)
Linearity
L10 = ±0.10 %
option:
L05 = ±0,05 %
L25 = ±0.25 %
Connection
KAB1,5M = Cable output, standard length 1.5 m
Cable fixing
M4
= M4 cable fixing
SB0
= Cable clip
WS10EX
Order Example: WS10EX - 1250 - 10V - L10 - KAB1,5M - M4
Model WS10EX
with analog output
Dust explosion-proof
Analog
Compact sensor for dust explosive areas
· Protection class IP65
· Measurement ranges:
0 ... 100 mm to 0 ... 1250 mm
· Analog output0…10V,4…20mA
· Dust ex proof, category 3, zone 22
·
II 3D EEx T95°C IP65


Similar Part No. - WS10EX-375-R1K-L05

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
analog or SSI output
WS10-100-10V ASM-SENSOR-WS10-100-10V Datasheet
379Kb / 10P
analog or SSI output
WS10-100-420A ASM-SENSOR-WS10-100-420A Datasheet
379Kb / 10P
analog or SSI output
WS10-100-420T ASM-SENSOR-WS10-100-420T Datasheet
379Kb / 10P
analog or SSI output
WS10-100-ADSI16 ASM-SENSOR-WS10-100-ADSI16 Datasheet
379Kb / 10P
analog or SSI output
More results

Similar Description - WS10EX-375-R1K-L05

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
Explosion Proof
logo
Systemsensor advanced i...
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
Explosion Proof Supervisory Switch
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
Explosion-Proof Pull Station
logo
ASM GmbH
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
analog output Explosion-proof
WS12EX ASM-SENSOR-WS12EX Datasheet
284Kb / 5P
analog output Dust explosion-proof
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
Explosion Proof Flow Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com