Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA2051D3 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2051D3
Description  2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2051D3 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA2051D3 Datasheet HTML 17Page - Texas Instruments TPA2051D3 Datasheet HTML 18Page - Texas Instruments TPA2051D3 Datasheet HTML 19Page - Texas Instruments TPA2051D3 Datasheet HTML 20Page - Texas Instruments TPA2051D3 Datasheet HTML 21Page - Texas Instruments TPA2051D3 Datasheet HTML 22Page - Texas Instruments TPA2051D3 Datasheet HTML 23Page - Texas Instruments TPA2051D3 Datasheet HTML 24Page - Texas Instruments TPA2051D3 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DirectPath Headphone Amplifier
Voice Bypass Mode
HEADPHONE AMPLIFIER GAIN
VOLUME CONTROL
TPA2051D3
www.ti.com ...................................................................................................................................................................................................... SLOS641 – JUNE 2009
Table 1. Class-D Amplifier Gain Levels
CLASS-D GAIN
NOMINAL GAIN
REGISTER BYTE:
SPK_GAIN
0
+6 dB
1
+12 dB
Set the HPL_Enable bit (Register 1, Bit 3) to logic high to enable the headphone left output and the HPR_Enable
bit (Register 1, Bit 2) to logic high to enable the headphone right output. The headphone amplifier draws 4.1 mA
of typical supply current with both left and right outputs active and less than 1
µA when deactivated.
Set the VM_Bypass bit (Register 1, Bit 0) to logic high to the bypass mode from BYPASS+ and BYPASS–to the
speaker pins (OUT+ and OUT-pins). This will automatically disable the Class-D speaker amplifier.
The Headphone amplifier gain can be differentiated from the default volume control gain. Register 6, bits 7 to 5
and register 5 bit 6 can be used to attenuate the gain on the headphone amplifier. This function is useful to
differentiate the channel gain of the speaker amplifier from the channel gain of the headphone amplifier. So for
the same input signal different output voltage levels for the speaker and the headphone amplifier can be
selected. The following table shows the gain values. This feature is required since the headphone does not
require the same output voltage level as the speaker amplifier.
Table 2. Headphone Amplifier Gain Levels
HEADPHONE GAIN
HEADPHONE GAIN
REGISTER BYTE:
NOMINAL GAIN
REGISTER BYTE:
NOMINAL GAIN
HP_0dB, HP_GAIN[2:0]
HP_0DB, HP_GAIN[2:0]
0000
-12 dB
0101
-4.5 dB
0001
-10.5 dB
0110
-3 dB
0010
-9 dB
0111
-1.5 dB
0011
-7.5 dB
1xxx
0 dB
0100
-6 dB
The TPA2051D3 has three independent volume controls: One for the mono input configurations (Mode 0), one
for the STEREO1 input pair (INL1 and INR1, when in Mode 1, 3, 5, and 6), and one for the STEREO2 input pair
(INL2 and INR2, when in Mode 2 and 4). Each have 5-bit (32-step) resolution and are audio tapered; gain step
changes become smaller at higher gain settings. All volume controls range from –66 dB to +18 dB.
The Class-D speaker amplifier gain can be selected between 6 dB and 12 dB on top of the volume control. Thus
the total gain for the speaker channel (volume control plus Class-D amplifier) range is from –60 dB to +30 dB.
The headphone amplifiers have a secondary volume control (see Headphone Amplifier Gain section) besides the
main volume control. The secondary volume control ranges from –12 dB to 0 dB in 1.5 dB steps. Thus the total
gain for the headphone channel (volume control plus headphone amplifier) range is from –78 dB to +18 dB.
The Mono Input volume control byte is located in Register 4, Bits 4 to 0. The Stereo Input 1 volume control byte
is located at Register 5, Bits 4 to 0, and the Stereo Input 2 volume control byte is at Register 6, Bits 4 to 0. Gain
matching between the left and right channels for STEREO1 and STEREO2 is presented in the operating
characteristics table.
The input impedance to the TPA2051D3 changes as gain changes. See the Operating Characteristics section for
specifications. Values listed in Table 3 are nominal values.
When the SpeakerGuardTM (Automatic Gain Control) is enabled the volume changes at a rate dictated by the
attack time (volume decrease) and the release time (volume increase).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPA2051D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com