Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS10ZG-100-R1K-L05 Datasheet(PDF) 1 Page - ASM GmbH

Part # WS10ZG-100-R1K-L05
Description  Analog, SSI or CANopen Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10ZG-100-R1K-L05 Datasheet(HTML) 1 Page - ASM GmbH

  WS10ZG-100-R1K-L05 Datasheet HTML 1Page - ASM GmbH WS10ZG-100-R1K-L05 Datasheet HTML 2Page - ASM GmbH WS10ZG-100-R1K-L05 Datasheet HTML 3Page - ASM GmbH WS10ZG-100-R1K-L05 Datasheet HTML 4Page - ASM GmbH WS10ZG-100-R1K-L05 Datasheet HTML 5Page - ASM GmbH WS10ZG-100-R1K-L05 Datasheet HTML 6Page - ASM GmbH WS10ZG-100-R1K-L05 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WS10ZG
KAB-...M-M12/8F/G-LITZE
KAB-...M-M12/5F/G-M12/5M/G

PN-E-09
ASM GmbH
www.asm-sensor.com
New: WS10 in a zinc diecast housing
Protection class IP65
Measurement range 0 ... 100 mm to 0 ... 1250 mm
Analog output or
A/D converted synchronous serial output (SSI) or
A/D converted CANopen output
•
•
•
Specifications
Outputs
Potentiometer 1 kΩ
Voltage 0 ... 10 V
Current  ... 20 mA, 2 or 3 wire
A/D converted synchronous serial interface (SSI)
A/D converted CANopen bus
Resolution
Analog: essentially infinite; ADSI16: max. 16 bit f.s.;
ADCANOP: 16 bit f.s.
Linearity
Up to ±0.05% f. s.
Sensing device
Precision potentiometer
Material
Zinc diecast, aluminum und stainless steel;
measuring cable: stainless steel
Protection class
IP65
Connection
Male socket M12, 8 pin (ADCANOP: 5 pin)
Weight
800 g approx.
EMC, temperature
Refer to output specification
Order code WS10ZG
Model name
Measurement range (in mm)
100 / 125 / 375 / 500 / 750 / 1000 / 1250
Output
R1K
= Potentiometer 1 kΩ
10V
= 0 ... 10 V signal conditioner
20A
=  ... 20 mA signal conditioner (2 wire)
20T
=  ... 20 mA signal conditioner (3 wire)
PMUV/PMUI = Programmable 0... 10 V or  ... 20 mA signal conditioner
ADSI16
= A/D converted synchronous serial interface (SSI)
ADCANOP = A/D converted CANopen bus
Linearity
L10
= ±0.1 %
option: L05 = ±0.05 %
L25 = ±0.25 %
Cable fixing
M
= M thread
SB0
= Cable clip
Connection
M12
= 8 pin socket M12 (ADCANOP: 5 pin)
Order example: WS10ZG - 1250 - 10V - L10 - M4 - M12
Order code connector cable
ADCANOP:
POSIWIRE®
WS10ZG
with Analog, SSI or CANopen Output


Similar Part No. - WS10ZG-100-R1K-L05

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
analog or SSI output
WS10-100-10V ASM-SENSOR-WS10-100-10V Datasheet
379Kb / 10P
analog or SSI output
WS10-100-420A ASM-SENSOR-WS10-100-420A Datasheet
379Kb / 10P
analog or SSI output
WS10-100-420T ASM-SENSOR-WS10-100-420T Datasheet
379Kb / 10P
analog or SSI output
WS10-100-ADSI16 ASM-SENSOR-WS10-100-ADSI16 Datasheet
379Kb / 10P
analog or SSI output
More results

Similar Description - WS10ZG-100-R1K-L05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
ASM GmbH
WB17KT ASM-SENSOR-WB17KT Datasheet
373Kb / 4P
Analog, SSI or CANopen Output
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
analog or SSI output
WS2.1 ASM-SENSOR-WS2.1 Datasheet
78Kb / 4P
Analog or A/D converted synchronous serial output
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
analog or SSI output
WS10SG ASM-SENSOR-WS10SG Datasheet
325Kb / 10P
analog or SSI output
WS12 ASM-SENSOR-WS12 Datasheet
349Kb / 10P
analog or SSI output
WS17KT ASM-SENSOR-WS17KT Datasheet
248Kb / 8P
analog or SSI output
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
Industrial Analog Current or Voltage Output Driver
logo
TE Connectivity Ltd
SKH TEC-SKH Datasheet
527Kb / 8P
Cable Actuated Sensor CANOpen Output Signal
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com