Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS7.5-10000-R1K-L25 Datasheet(PDF) 16 Page - ASM GmbH

Part # WS7.5-10000-R1K-L25
Description  analog or SSI output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.5-10000-R1K-L25 Datasheet(HTML) 16 Page - ASM GmbH

Back Button WS7.5-10000-R1K-L25 Datasheet HTML 9Page - ASM GmbH WS7.5-10000-R1K-L25 Datasheet HTML 10Page - ASM GmbH WS7.5-10000-R1K-L25 Datasheet HTML 11Page - ASM GmbH WS7.5-10000-R1K-L25 Datasheet HTML 12Page - ASM GmbH WS7.5-10000-R1K-L25 Datasheet HTML 13Page - ASM GmbH WS7.5-10000-R1K-L25 Datasheet HTML 14Page - ASM GmbH WS7.5-10000-R1K-L25 Datasheet HTML 15Page - ASM GmbH WS7.5-10000-R1K-L25 Datasheet HTML 16Page - ASM GmbH WS7.5-10000-R1K-L25 Datasheet HTML 17Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
70
CAT-WS-E-05
ASM
www.asm-sensor.com
Interface HDEV
Absolute Encoder
DeviceNet
Excitation voltage
10 ... 30 V DC
Excitation Current
250 mA
Interface
CAN highspeed according ISO/DIS 11898
CAN specification 2.0 A (11 bit identifier)
Protocol
DeviceNet according to Rev. 2.0, programmable
encoder
Resolution
12 (10 … 14) + 12 bit
Programmable
Resolution, preset, direction
Output code
Binary
MAC ID
Selectable via DIP switch
Data refresh
Every 5 ms
Baud rate
Selectable 125, 250, 500 kBaud, DIP switch
Bus terminating resistor
Selectable via DIP switch
Connection
Bus cover with T-manifold
EMC
EN 50081-2, 50082-2
Transmission rate
Segment length
Kbit/s
500 m
125
250 m
250
100 m
500
Signal Wiring /
Connection
Signal name
Cable terminal no. (bus cover)
UB in
1
0V in
2
CAN-L
3
CAN-H
4
Drain
5
Drain
6
CAN-H
7
CAN-L
8
Recommanded
transmission
Characteristic impedance
135 … 165
W (3...20 MHz)
Operating capacity
< 30 pF
Loop resistance
< 110
W/km
Wire diameter
> 0.63 mm
Wire width
> 0.34 mm
2
Output Specification for
absolute encoders with DeviceNet interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com