Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS12-375-R1K-L05- Datasheet(PDF) 2 Page - ASM GmbH

Part # WS12-375-R1K-L05-
Description  analog or SSI output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS12-375-R1K-L05- Datasheet(HTML) 2 Page - ASM GmbH

  WS12-375-R1K-L05- Datasheet HTML 1Page - ASM GmbH WS12-375-R1K-L05- Datasheet HTML 2Page - ASM GmbH WS12-375-R1K-L05- Datasheet HTML 3Page - ASM GmbH WS12-375-R1K-L05- Datasheet HTML 4Page - ASM GmbH WS12-375-R1K-L05- Datasheet HTML 5Page - ASM GmbH WS12-375-R1K-L05- Datasheet HTML 6Page - ASM GmbH WS12-375-R1K-L05- Datasheet HTML 7Page - ASM GmbH WS12-375-R1K-L05- Datasheet HTML 8Page - ASM GmbH WS12-375-R1K-L05- Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ASM
CAT-WS-E-05
35
www.asm-sensor.com
Cable Forces
typical at 20 °C
Range
Maximum Pull-out Force
Minimum Pull-in Force
[mm]
[N]
[N]
100
5.2
2.8
125
4.6
2.5
375
7.5
3.7
500
5.9
2.6
750
7.5
3.3
100
5.5
2.4
1250
4.8
2.1
1500
10.4
6.4
2000
8.1
5.0
2500
6.7
4.0
3000
6.2
3.0
Outline drawing
Option
SB0
Dimensions
Range
A
B (ADSI16)
C...E
F (F*)
[mm
]
100; 500; 1000
18,5
112 (137)
C=14, D=43, E=71
141 (149)
125; 1250
15,0
112 (137)
1500
11,0
127 (152)
2000
22,0
127 (152)
C=15, D=79, E=109,
F=182±3
179 (187)
2500
13,5
127 (152)
3000
9,5
127 (152)
Dimensions informative only.
For guaranteed dimensions consult factory
Model WS12
with analog or SSI output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com