Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4063 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 3 Page - Linear Technology

  LTC4063 Datasheet HTML 1Page - Linear Technology LTC4063 Datasheet HTML 2Page - Linear Technology LTC4063 Datasheet HTML 3Page - Linear Technology LTC4063 Datasheet HTML 4Page - Linear Technology LTC4063 Datasheet HTML 5Page - Linear Technology LTC4063 Datasheet HTML 6Page - Linear Technology LTC4063 Datasheet HTML 7Page - Linear Technology LTC4063 Datasheet HTML 8Page - Linear Technology LTC4063 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC4063
4063fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IDETECT
Charge Current Detection Threshold
RDET = 1k, 0°C ≤ TA ≤ 85°C
90
100
110
mA
RDET = 2k, 0°C ≤ TA ≤ 85°C
455055
mA
RDET = 10k, 0°C ≤ TA ≤ 85°C
8.5
10
11.5
mA
RDET = 20k, 0°C ≤ TA ≤ 85°C
456
mA
∆VRECHRG Recharge Threshold Voltage
VFLOAT – VRECHRG, 0°C ≤ TA ≤ 85°C
75
100
125
mV
tTERM
Termination Comparator Filter Time
Current Termination Mode
1
1.5
2.2
ms
tRECHRG
Recharge Comparator Filter Time
3
7
14
ms
tTIMER
Charge Cycle Time
CTIMER = 0.1µF
2.55
3
3.45
Hour
tSS
Soft-Start Time
IBAT from 0 to ICHG
100
µs
TLIM
Junction Temperature in Constant
105
°C
Temperature Mode
RON
Power FET “ON” Resistance
375
m
Ω
(Between VCC and BAT)
VBAT-LDO
LDO Supply Voltage (BAT)
2.65
4.4
V
IBAT-LDO
LDO Supply Current (from BAT)
VCC < VBAT, IOUT = 0mA
15
25
µA
VCC > VBAT, IOUT = 0mA (Note 6)
9
18
µA
IBAT-LDO-SD LDO Supply Current in Shutdown
VBAT = 4.4V
2.5
5
µA
VFB
FB Regulated Voltage
VBAT = 3.7V, IOUT = 1mA
●
784
800
816
mV
VFB(LINE)
VFB Line Regulation
VBAT = 2.65V to 4.4V, IOUT = 1mA
●
14
mV
VFB(LOAD)
VFB Load Regulation
IOUT = 1mA to 100mA, VBAT = 4.4V
●
14
mV
VLDOEN
LDOEN Input Threshold Voltage (Rising)
LDOEN Rising, VBAT = 4.4V
0.4
0.7
1
V
Hysteresis
100
mV
RLDOEN
LDOEN Pin Pull-Down Resistor
●
1.2
2
5
M
Ω
VDO
LDO Dropout Voltage
IOUT = 100mA, VOUT = 3V
125
200
mV
VLDOUVLO
LDO Undervoltage Lockout Threshold
VBAT from High to Low
2.45
2.55
2.65
V
Hysteresis
100
mV
IFB
FB Pin Current
–25
0
25
nA
ISC
Short-Circuit Output Current
VOUT = 0V
500
mA
VNO(RMS)
Output Voltage Noise
VOUT = 3V, IOUT = 100mA, COUT = 2.2µF,
135
µVRMS
10Hz
≤ f ≤ 100kHz
The
● indicates the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4063EDD is guaranteed to meet performance specifica-
tions from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Failure to correctly solder the Exposed Pad of the package to the
PC board will result in a thermal resistance much higher than 40
°C/W.
Note 4: Supply current includes PROG pin current and IDET pin current
(approximately 100
µA each) but does not include any current delivered to
the battery through the BAT pin (approximately 100mA).
Note 5: Does not include LDO supply current.
Note 6: The LDO is partially powered from VCC, thus reducing the supply
current from the BAT pin.
Note 7: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions.
Overtemperature protection will become active at a junction temperature
greater than the maximum operating temperature. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
Note 8: Defined by long term current density limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com