Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS10ZG-100-R1K-L25 Datasheet(PDF) 2 Page - ASM GmbH

Part # WS10ZG-100-R1K-L25
Description  Analog, SSI or CANopen Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10ZG-100-R1K-L25 Datasheet(HTML) 2 Page - ASM GmbH

  WS10ZG-100-R1K-L25 Datasheet HTML 1Page - ASM GmbH WS10ZG-100-R1K-L25 Datasheet HTML 2Page - ASM GmbH WS10ZG-100-R1K-L25 Datasheet HTML 3Page - ASM GmbH WS10ZG-100-R1K-L25 Datasheet HTML 4Page - ASM GmbH WS10ZG-100-R1K-L25 Datasheet HTML 5Page - ASM GmbH WS10ZG-100-R1K-L25 Datasheet HTML 6Page - ASM GmbH WS10ZG-100-R1K-L25 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
E ( 2 : 1 )
B
C
D
50,4 [1.982]
25,2 [0.991]
C
Variante SB0
6 [0.240]
Ø
8 [0.311]
8,6 [0.337]
1 [0.035]
2 [0.075]
M5x0.8
ASM GmbH
PN-E-09
5
www.asm-sensor.com
Cable forces,
typical at 20 °C
Measurement range
Max. pull-out force
Min. pull-in force
[mm]
[N]
[N]
100
.7
3.0
125
.6
2.
375
7.
3.9
500
5.5
2.8
750
7.6
3.8
1000
5.3
2.9
1250
.6
2.
Outline drawing
Dimensions informative only.
For guaranteed dimensions consult factory.
Dimensions [mm]
Measurement range
A
B, C
D
375; 750
12.5
B=31.0; C=38.5
9.5
100; 125; 500
8.0
1000; 1250
8.0
POSIWIRE®
WS10ZG
with Analog, SSI or CANopen Output
Dimensions in mm [inch]
opt. SB0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com