Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3DPFP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3DPFP Datasheet(HTML) 36 Page - Texas Instruments

Back Button TSB41BA3DPFP Datasheet HTML 32Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 33Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 34Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 35Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 36Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 37Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 38Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 39Page - Texas Instruments TSB41BA3DPFP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
Status Transfer
00
(a)
01
(b)
00
00
S[14:15]
S[0:1]
D0, D1
CTL0, CTL1
SYSCLK
00
TSB41BA3D
SLLS959A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
The arbitration acceleration enhancements can interfere with the ability of the cycle master node to transmit the
cycle start message under certain circumstances. The acceleration control request is therefore provided to allow
the LLC temporarily to enable or disable the arbitration acceleration enhancements of the TSB41BA3D during
the asynchronous period. The LLC typically disables the enhancements when its internal cycle counter rolls over,
indicating that a cycle-start message is imminent, and then re-enables the enhancements when it receives a
cycle-start message. The acceleration control request can be made at any time and is immediately serviced by
the PHY. Additionally, a bus reset or isochronous bus request causes the enhancements to be re-enabled, if the
EAA bit is set.
A status transfer is initiated by the PHY when there is status information to be transferred to the LLC. The PHY
waits until the interface is idle before starting the transfer. The transfer is initiated by the PHY asserting
status(01b) on the CTL terminals, along with the first two bits of status information on the D[0:1] terminals. The
PHY maintains CTL = Status for the duration of the status transfer. The PHY might prematurely end a status
transfer by asserting something other than status on the CTL terminals. This occurs if a packet is received before
the status transfer completes. The PHY continues to attempt to complete the transfer until all status information
has been successfully transmitted. At least one idle cycle occurs between consecutive status transfers.
The PHY normally sends just the first 4 bits of status to the LLC. These bits are status flags that are needed by
the LLC state machines. The PHY sends an entire 16-bit status packet to the LLC after a read register request,
or when the PHY has pertinent information to send to the LLC or transaction layers. The only defined condition
where the PHY automatically sends a register to the LLC is after self-ID, where the PHY sends the physical-ID
register that contains the new node address. All status transfers are either 4 or 16 bits unless interrupted by a
received packet. The status flags are considered to have been successfully transmitted to the LLC immediately
on being sent, even if a received packet subsequently interrupts the status transfer. Register contents are
considered to have been successfully transmitted only when all 8 bits of the register have been sent. A status
transfer is retried after being interrupted only if any status flags remain to be sent, or if a register transfer has not
yet completed.
Table 22 shows the definition of the bits in the status transfer, and Figure 14 shows the timing.
Table 22. Status Bits
BIT(s)
NAME
DESCRIPTION
0
Arbitration reset gap
Indicates that the PHY has detected that the bus has been idle for an arbitration reset gap time (as
defined in the IEEE 1394a-2000 standard). This bit is used by the LLC in the busy/retry state machine.
1
Subaction gap
Indicates that the PHY has detected that the bus has been idle for a subaction gap time (as defined in
the IEEE 1394a-2000 standard). This bit is used by the LLC to detect the completion of an isochronous
cycle.
2
Bus reset
Indicates that the PHY has entered the bus reset state
3
Interrupt
Indicates that a PHY interrupt event has occurred. An interrupt event might be a configuration time-out,
a cable-power voltage falling too low, a state time-out, or a port status change.
4–7
Address
This field holds the address of the PHY register whose contents are being transferred to the LLC.
8–15
Data
This field holds the register contents.
Figure 14. Status Transfer Timing
The sequence of events for a status transfer is as follows:
36
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com