Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

17HE-R13150-73-FA Datasheet(PDF) 7 Page - DDK Ltd.

Part # 17HE-R13150-73-FA
Description  MIL-C-24308-Compatible High-Density Crimp Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17HE-R13150-73-FA Datasheet(HTML) 7 Page - DDK Ltd.

  17HE-R13150-73-FA Datasheet HTML 1Page - DDK Ltd. 17HE-R13150-73-FA Datasheet HTML 2Page - DDK Ltd. 17HE-R13150-73-FA Datasheet HTML 3Page - DDK Ltd. 17HE-R13150-73-FA Datasheet HTML 4Page - DDK Ltd. 17HE-R13150-73-FA Datasheet HTML 5Page - DDK Ltd. 17HE-R13150-73-FA Datasheet HTML 6Page - DDK Ltd. 17HE-R13150-73-FA Datasheet HTML 7Page - DDK Ltd. 17HE-R13150-73-FA Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
●
  ●
17HE Series
Unit : mm
■Plug Connector (Crimp Type)
■Crimp Pin Contact
17HE-23150-C
NO. OF CONTACTS
15
SHAPE OF BLOCK
C : Crimp type
4.83
5.46
3.68
4.32
2.54
3.18
1.4
2.03
0.25
0.89
24.99
30.7
φ3.1
Contact
16
27.8
7
11
CONTACT PLATENG
2 : Mating area : 0.4μm Gold over Nickel plating
 
Tail area : Golde flash over Nickel plating
3 : Mating area : Gold flash over Nickel plating
 
Tail area : Gold flash over Nickel plating
17H-2PCR-102(P500)
NO. OF CONTACTS
P500 : 500 Contacts/Pack
R10000 : 10000 Contacts/Reel
R : Rear release type
C : Crimp type
P : Pin type
φ1.5
6.7
3.35
1.4
0.8
3
8.5
7
L
17HE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com