Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

17HE-R13150-74-FA Datasheet(PDF) 4 Page - DDK Ltd.

Part # 17HE-R13150-74-FA
Description  MIL-C-24308-Compatible High-Density Crimp Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17HE-R13150-74-FA Datasheet(HTML) 4 Page - DDK Ltd.

  17HE-R13150-74-FA Datasheet HTML 1Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 2Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 3Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 4Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 5Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 6Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 7Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
●
  ●
17HE Series
Unit : mm
■Right-Angle Receptacle Connector
■Space-Saving Right-Angle Receptacle Connector
10°
16.3
24.99
30.8
φ3.1
3.2
24.99
3.2
24.99 ± 0.05
2.286 ± 0.05
1.143 ± 0.05
0.25 ± 0.05
mating side
15-φ1
2-φ3.2 ± 0.1
+0.1
-0
P.C.B. Mounting Dimensions
( Connector Mounting Side)
φ5.5 Land
24.99 ± 0.1
2.54 ± 0.05 10.287 ± 0.05
4.51 ± 0.1
1.143 ± 0.05
φ1.6 ± 0.05 Hole
Land
15.98 ± 0.05
φ0.7 ± 0.05 Hole
φ2.4 ± 0.1 Hole
6.5
24.99 ± 0.1
3.495 ± 0.05
2.54 ± 0.05 10.287 ± 0.05
15.98 ± 0.05
φ0.7 ± 0.05Hole
φ5.5 Land
(Installed on the back)
φ1.6 ± 0.05 Hole
φ3.2 ± 0.05 Hole
1.143 ± 0.05
Shell : φ3.1 Hole
Ground tab : M3 × 0.5 thread
16.3
24.99
30.8
9
0.5
2.5
φ2.4 Hole
24.99
φ1.5
15.98
0.3
M3 × 0.5 thread
(P.C.B mounting)
P/N
E
Mark
P.C.B
thickness
17HE-B13150-□4-FA
3.2
A
t=1.6
17HE-B13150-□5-FA
2.8
B
t=1.2
17HE-B13150-□6-FA
2.6
C
t=1.0
Lock Pin Ground Tab Type
A
A
(P.C.B mounting)
Through-hole Ground Tab Type
CLASSIFICATION MARKING OF
APPLICABLE P.C.B THICKNESS
4
L
17HE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com