Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

17HE-R13150-75-FA Datasheet(PDF) 5 Page - DDK Ltd.

Part # 17HE-R13150-75-FA
Description  MIL-C-24308-Compatible High-Density Crimp Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17HE-R13150-75-FA Datasheet(HTML) 5 Page - DDK Ltd.

  17HE-R13150-75-FA Datasheet HTML 1Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 2Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 3Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 4Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 5Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 6Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 7Page - DDK Ltd. 17HE-R13150-75-FA Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
●
  ●
17HE Series
Unit : mm
■Space-Saving Right-Angle SMT Receptacle Connector
P/N
E
Mark
P.C.B
thickness
17HE-C13150-□1-FA
4.0
A
t=1.6
17HE-C13150-□2-FA
3.6
B
t=1.2
17HE-C13150-□3-FA
3.4
C
t=1.0
Shell : φ3.1 Hole
Ground tab : M3 × 0.5thread
16.3
24.99
30.8
2.5
0.5
4.2
φ2.4Hole
0.3
24.99
5.6
Through-hole Ground Tab Type
P.C.B
Single Lock Pin
Single Lock Pin Ground Tab Type
* With single lock-pin ground-tab type, attach single
lock-pin to PCB first, then double lock-pin to com-
plete mounting. (Mounting is easier, requiring only
about a half of force for insertion.)
A
A
φ1.5
15.98
M3 × 0.5 thread
Double Lock Pin
(P.C.B mounting)
CLASSIFICATION MARKING OF
APPLICABLE P.C.B THICKNESS
(P.C.B mounting)
Terminal No.
1
2 34 5
6
7 8 9 10
11 12 13 14 15
Through-hole ground tab type
Lock Pin Ground Tab
Arrangement of terminal Nos.
24.99 ± 0.1
φ2.4 ± 0.1Hole
φ1.6 ± 0.05 Hole
Land
2.54 ± 0.05 10.668 ± 0.05
0.762 ± 0.05
4.5 ± 0.1
6.5
0.5 ± 0.03
15.98 ± 0.1
(24.99)
φ5.5 Land
24.99 ± 0.1
2.54 ± 0.05 10.668 ± 0.05
0.762 ± 0.05
φ1.6 ± 0.05 Hole
φ3.2 ± 0.05 Hole
locator hole
15.98 ± 0.1
0.5 ± 0.03
R2.8 Land
4
4.5±0.1
(Back Face)
(Front Face)
5
L
17HE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com