Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CX6S0.T.CSM2 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX6S0.T.CSM2
Description  9.6 MHz to 250 MHz Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX6S0.T.CSM2 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX6S0.T.CSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX6S0.T.CSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10117 - Rev B
DESCRIPTION
STATEK’s miniature CX6SM AT crystals in leadless ceramic
packages are designed for surface mounting on printed circuit
boards or hybrid substrates. These crystals have a small land
pattern and a low profile. They are manufactured using the
STATEK-developed photolithographic process, and were
designed utilizing the experience acquired by producing millions
of crystals for industrial, commercial, military and medical
applications.
FEATURES
Ultra low profile (less than 1 mm available) hermetically
sealed ceramic package
Designed for surface mount applications using infrared,
vapor phase, or epoxy mount techniques.
Excellent aging characteristics
Available with glass or ceramic lid
High shock and vibration resistance
Custom designs available
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Medical
Monitoring Equipment
Industrial, Computer & Communications
Down-hole Data Recorder
Environmental Controls
Handheld Inventory Control
Telemetry
Military & Aerospace
Communications
Smart Munitions
Timing Devices (Fuzes)
Surveillance Devices
CX6SM AT CRYSTAL
9.6 MHz to 250 MHz
Ultra-Low Profile Miniature
Surface Mount AT Quartz Crystal
Fundamental Mode:
9.6 MHz - 250 MHz
Third Overtone Mode:
48 MHz
- 160 MHz
™
A
B
D
D
TOP
BOTTOM
C
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.265
6.73
0.280
7.11
B
0.103
2.62
0.114
2.90
C
-
-
see below
D
0.050
1.27
0.060
1.52
THICKNESS (DIM C) MAXIMUM
GLASS LID
CERAMIC LID
inches
mm
inches
mm
SM1
0.039
0.99
0.053
1.35
SM2/SM4
0.041
1.04
0.055
1.40
SM3/SM5
0.044
1.12
0.058
1.47
PACKAGE DIMENSIONS
actual size
side view
SXX
XX
Pb
glass lid
ceramic lid


Similar Part No. - CX6S0.T.CSM2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX6SCSM1 RSG-CX6SCSM1 Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
CX6SCSM2 RSG-CX6SCSM2 Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
CX6SCSM3 RSG-CX6SCSM3 Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX6SM STATEK-CX6SM Datasheet
449Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal
logo
RSG Electronic Componen...
CX6SM RSG-CX6SM Datasheet
482Kb / 2P
800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
More results

Similar Description - CX6S0.T.CSM2

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX6SMAT STATEK-CX6SMAT Datasheet
64Kb / 2P
Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9SM STATEK-CX9SM Datasheet
59Kb / 2P
Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
logo
RSG Electronic Componen...
CX1HGSM RSG-CX1HGSM Datasheet
89Kb / 2P
8 MHz to 250 MHz High Shock Miniature Surface Mount AT Quartz Crystal
CX1SM-AT RSG-CX1SM-AT Datasheet
89Kb / 2P
8 MHz to 250 MHz Miniature Surface Mount AT Quartz Crystal
CX2SM-AT RSG-CX2SM-AT Datasheet
105Kb / 2P
9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
CX3SM-AT RSG-CX3SM-AT Datasheet
97Kb / 2P
9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
CX4SM-AT RSG-CX4SM-AT Datasheet
96Kb / 2P
14 MHz to 250 MHz Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX9SM-AT RSG-CX9SM-AT Datasheet
80Kb / 2P
14 MHz to 250 MHz Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
logo
STATEK CORPORATION
CX6SM STATEK-CX6SM_08 Datasheet
160Kb / 2P
Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9 STATEK-CX9 Datasheet
182Kb / 2P
Low Profile, Ultra Miniature Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com