Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRC-LRF3WLF-01-R020-G Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # LRC-LRF3WLF-01-R020-G
Description  Low Range 3 Watt SMT Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LRC-LRF3WLF-01-R020-G Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  LRC-LRF3WLF-01-R020-G Datasheet HTML 1Page - IRC - a TT electronics Company. LRC-LRF3WLF-01-R020-G Datasheet HTML 2Page - IRC - a TT electronics Company. LRC-LRF3WLF-01-R020-G Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LRF3W Series Issue July 2008
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Prefix
LRC
- LRF3WLF - 01
-
R020
-
F
Model
LRF3W = 3 watt chip with standard Sn/Pb termination
LRF3WLF = 3 watt chip with Pb-free (matte tin) termination
TCR Code
Resistance Code
4-Digit resistance code
Example: R050 = 0.050Ω; R005 = 0.005Ω
Tolerance Code
K = ±10%; J = ±5%; G = ±2%; F = ±1%
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Power Derating Curve
Ordering Data
Physical Data
Low Range 3 Watt
SMT Chip Resistor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com