Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2925 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2925
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2925 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2925 Datasheet HTML 17Page - NXP Semiconductors LPC2925 Datasheet HTML 18Page - NXP Semiconductors LPC2925 Datasheet HTML 19Page - NXP Semiconductors LPC2925 Datasheet HTML 20Page - NXP Semiconductors LPC2925 Datasheet HTML 21Page - NXP Semiconductors LPC2925 Datasheet HTML 22Page - NXP Semiconductors LPC2925 Datasheet HTML 23Page - NXP Semiconductors LPC2925 Datasheet HTML 24Page - NXP Semiconductors LPC2925 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
21 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
The USB device controller has the following features:
• Fully compliant with USB 2.0 specification (full speed).
• Supports 32 physical (16 logical) endpoints with a 2 kB endpoint buffer RAM.
• Supports Control, Bulk, Interrupt and Isochronous endpoints.
• Scalable realization of endpoints at run time.
• Endpoint Maximum packet size selection (up to USB maximum specification) by
software at run time.
• Supports SoftConnect and GoodLink features.
• While USB is in the Suspend mode, the LPC2921/2923/2925 can enter the reduced
power mode and wake up on USB activity.
• Supports DMA transfers with the on-chip SRAM blocks on all non-control endpoints.
• Allows dynamic switching between CPU-controlled slave and DMA modes.
• Double buffer implementation for Bulk and Isochronous endpoints.
6.10.2 Pin description
6.10.3 Clock description
Access to the USB registers is clocked by the CLK_SYS_USB, derived from
BASE_SYS_CLK, see Section 6.7.2. The CGU1 provides an independent base clock to
the USB block, BASE_USB_CLK (see Section 6.15.3).
Table 11.
USB device port pins
Pin name
Direction
Description
USB_VBUS
I
USB_VBUS status input. When this function is not enabled
via its corresponding PINSEL register, it is driven HIGH
internally.
USB_D+
I/O
positive differential data
USB_D
−
I/O
negative differential data
USB_CONNECT
O
SoftConnect control signal
USB_UP_LED
O
GoodLink LED control signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com