| Electronic Components Datasheet Search |
|
LPC2917/01 Datasheet(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2917/01 Datasheet(HTML) 23 Page - NXP Semiconductors |
|
23 / 86 page ![]() LPC2917_19_01_2 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 02 — 17 June 2009 23 of 86 NXP Semiconductors LPC2917/01; LPC2919/01 ARM9 microcontroller with CAN and LIN Remark: If the programmed number of wait-states is more than three, flash-data reading cannot be performed at full speed (i.e. with zero wait-states at the AHB bus) if speculative reading is active. 6.8.6 EEPROM EEPROM is a non-volatile memory mostly used for storing relatively small amounts of data, for example for storing settings. It contains one 16 kB memory block and is byte-programmable and byte-erasable. The EEPROM can be accessed only through the flash controller. 6.9 External static memory controller The LPC2917/2919/01 contains an external Static Memory Controller (SMC) which provides an interface for external (off-chip) memory devices. Key features are: • Supports static memory-mapped devices including RAM, ROM, flash, burst ROM and external I/O devices. • Asynchronous page-mode read operation in non-clocked memory subsystems. • Asynchronous burst-mode read access to burst-mode ROM devices. • Independent configuration for up to eight banks, each up to 16 MB. • Programmable bus-turnaround (idle) cycles (one to 16). • Programmable read and write wait states (up to 32), for static RAM devices. • Programmable initial and subsequent burst-read wait state for burst-ROM devices. • Programmable write protection. • Programmable burst-mode operation. • Programmable external data width: 8 bits, 16 bits or 32 bits. • Programmable read-byte lane enable control. 6.9.1 Description The SMC simultaneously supports up to eight independently configurable memory banks. Each memory bank can be 8 bits, 16 bits or 32 bits wide and is capable of supporting SRAM, ROM, burst-ROM memory, or external I/O devices. A separate chip select output is available for each bank. The chip select lines are configurable to be active HIGH or LOW. Memory-bank selection is controlled by memory addressing. Table 11 shows how the 32-bit system address is mapped to the external bus memory base addresses, chip selects, and bank internal addresses. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |