Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8534AH/1 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8534AH/1
Description  Universal LCD driver for low multiplex rates
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AH/1 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8534AH/1 Datasheet HTML 25Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 26Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 27Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 28Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 29Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 30Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 31Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 32Page - NXP Semiconductors PCF8534AH/1 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
PCF8534A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
29 of 47
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
10. Limiting values
[1]
Pins SDA, SCL, CLK, SYNC, SA0, OSC and A0 to A2.
[2]
Pins S0 to S59 and BP0 to BP3.
[3]
HBM: Human Body Model, according to Ref. 6 “JESD22-A114”.
[4]
MM: Machine Model, according to Ref. 7 “JESD22-A115”.
[5]
Latch-up testing, according to Ref. 8 “JESD78”.
[6]
According to the NXP store and transport conditions (see Ref. 10 “SNW-SQ-623”) the devices have to be
stored at a temperature of +5
°C to +45 °C and a humidity of 25 % to 75 %.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
Table 15.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.5
V
IDD
supply current
−50
+50
mA
VLCD
LCD supply voltage
−0.5
+7.5
V
IDD(LCD)
LCD supply current
−50
+50
mA
ISS
ground supply current
−50
+50
mA
VI
input voltage
[1]
−0.5
+6.5
V
II
input current
[1]
−10
+10
mA
VO
output voltage
[1]
−0.5
+6.5
V
[2]
−0.5
+7.5
V
IO
output current
[1][2]
−10
+10
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per output
-
100
mW
VESD
electrostatic discharge voltage
HBM
[3] -
±3000
V
MM
[4] -
±200
V
Ilu
latch-up current
[5] -
200
mA
Tstg
storage temperature
[6]
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com