Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSL3250A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL3250A Datasheet HTML 1Page - NXP Semiconductors SSL3250A Datasheet HTML 2Page - NXP Semiconductors SSL3250A Datasheet HTML 3Page - NXP Semiconductors SSL3250A Datasheet HTML 4Page - NXP Semiconductors SSL3250A Datasheet HTML 5Page - NXP Semiconductors SSL3250A Datasheet HTML 6Page - NXP Semiconductors SSL3250A Datasheet HTML 7Page - NXP Semiconductors SSL3250A Datasheet HTML 8Page - NXP Semiconductors SSL3250A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
5 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
8.
Functional description
8.1 Introduction
The SSL3250A is an asynchronous boost converter intended to drive either a single high
power flash LED or two high power flash LEDs in series. The main LED current is
controlled by the output voltage of the boost converter and the integrated linear current
sink. The SSL3250A has two interface modes and five operational modes. The control
interface is selected by the interface select pin IF_SEL. Depending on the interface mode
selected, the device can either be controlled by an I2C interface or by external enable
lines. Both interface modes control the five operational modes. These operational modes
are:
• Shut-down mode
• Standby mode
• Indicator mode
• Torch mode
• Flash mode
The first mode is entered by putting a LOW level on the activate pin (ACT). This pin is
common for both interface modes. The operational modes Torch and Flash apply to the
same main LED current source, and the Indicator mode applies to a separate indicator
LED current source. Only when the I2C interface mode is enabled, the operational modes
Indicator, Flash and/or Torch can be used in parallel.
In normal operation, the regulated converter uses Pulse Width Modulation (PWM), so the
switching frequency is constant in all modes.
In applications where the required main LED voltage is lower than the applied input
voltage, the converter switches to linear mode. The excess voltage difference between the
required LED voltage and the input voltage is now compensated by increasing the voltage
over the current sink and therefore on the LED pin.
Apart from the main LED(s), a separate indicator LED can be driven from the SSL3250A.
This indicator LED is driven by a linear current sink circuit that operates independently
from the switch mode converter for the main LED(s).
8.2 Interface modes
The device is equipped I2C mode and Direct enable mode interfaces. Which interface
mode is used, is defined by the level of the IF_SEL pin at the start-up of the device
(VACT → LOW to HIGH). The state of the IF_SEL pin should be kept static after powering
up the device. Table 4 shows the interface possibilities.
Table 4.
Interface modes
IF_SEL
Interface mode
Relevant controls
0I2C mode
SDA, SCL, STRB, ACT, R_FL, INT.
1
Direct enable mode
EN1, EN2, ACT, INT, R_TR, R_FL, R_IND, INT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com